Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACQT373QSC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 74ACQT373QSC
Description  Quiet Series??Octal Transparent Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQT373QSC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACQT373QSC Datasheet HTML 4Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 5Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 6Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 7Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 8Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 9Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 10Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 11Page - Fairchild Semiconductor 74ACQT373QSC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ373, 74ACTQ373 Rev. 1.3
8
AC Electrical Characteristics for ACTQ
Notes:
13. Voltage range 5.0 is 5.0V ± 0.5V.
14. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements for ACTQ
Note:
15. Voltage range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(13)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay,
Dn to On
5.0
2.0
6.5
7.5
2.0
8.0
ns
tPHL, tPLH
Propagation Delay,
LE to On
5.0
2.5
7.0
8.5
2.5
9.0
ns
tPZL, tPZH
Output Enable Time
5.0
2.0
7.0
9.0
2.0
9.5
ns
tPHZ, tPLZ
Output Disable Time
5.0
1.0
8.0
10.0
1.0
10.5
ns
tOSHL, tOSLH
Output to Output Skew,
Dn to On
(14)
5.0
0.5
1.0
1.0
ns
Symbol
Parameter
VCC (V)
(15)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50 pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to LE
5.0
0
3.0
3.0
ns
tH
Hold Time, HIGH or LOW,
Dn to LE
5.0
0
1.5
1.5
ns
tW
LE Pulse Width, HIGH
5.0
2.0
4.0
4.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
44.0
pF


Similar Part No. - 74ACQT373QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PC FAIRCHILD-74ACQ240PC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240PCX FAIRCHILD-74ACQ240PCX Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACQT373QSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACQ573 FAIRCHILD-74ACQ573_07 Datasheet
325Kb / 13P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com