Selected language     English  ▼


J0010D11 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part No. J0010D11
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

 
 9 page
background image
www.pulseeng.com
9
G002.K (5/09)
.120
3,05
4 X .020
0,51
.300
7,62
PE-67531
DATE CODE
COUNTRY OF ORIGIN
.400
10,16
.200
5,08
.100
2,54
BOTTOM VIEW
.350
8,89
PE-67531
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
1
2
4
3
PE-67531
Weight . . . . . . . . . . 0.76 grams
Tube . . . . . . . . . . . . . . . 40/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . . . 2.4 grams
Tube . . . . . . . . . . . . . . . 40/tube
.375
9,53 MAX
.020/.025
0,51/0,64
.300
7,62
.120
3,05
BOTTOM VIEW
.100
2,54
.300
7,62
.300
7,62
.500
12,70
.500
12,70 MAX
MAX
8
1
5
4
PE-675XX
DATE CODE
COUNTRY OF ORIGIN
PE-67539
3
6
4
5
1
8
2
7
PE-67539
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
.400
10,16
.400
10,16
MAX
MAX
PE-68002
DATE CODE
COUNTRY OF
ORIGIN
.300 MAX
7,62
.135
3,43
.300
7,62
.300
7,62
.100
2,54
PE-68002
3
6
4
5
1
8
2
7
Weight . . . . . . . . 1.4 grams
Tube . . . . . . . . . . . . 50/tube
PE-68002
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
UPG2164T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
CD22402Sync Generator for TV Applications and Video Processing Systems 1 2 3 4 5 MoreHarris Corporation
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TFDU4202Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard 1 2 3 4 5 MoreVishay Siliconix
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl