Selected language     English  ▼


J0010D11 Datasheet(PDF) 10 Page - Pulse A Technitrol Company

Part No. J0010D11
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

 
 10 page
background image
.400
MAX
10,16
.500
MAX
12,7
.115
.010
2,92
0,25
8 X
o .020
.003
0,51
0,08
.300
.010
7,62
0,25
1
2
4
5
10
9
7
6
12,83
.100
2,54
. 200 – .010
5,08
0,25
. 400 – .010
10,16
0,25
PE-68613
DATE CODE
COUNTRY OF
ORIGIN
Weight . . . . . . . . . . . 3.5 grams
Tube . . . . . . . . . . . . . . . 40/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,127
4
7
5
6
1
10
2
9
PE-68613
PE-68613
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
10
G002.K (5/09)
Weight . . . . . . . . . . . 1.0 grams
Tube . . . . . . . . . . . . . . . 50/tube
1
8
2
7
3
6
4
5
23Z104
.018
TYP
0,46
Fil-Mag
.100
TYP
2,54
.300 –.010
762
0 25
.340 –.020
8,64 –.0,51
.450
11,43
.125 –.020
3,18 –.0,51
.265
6,73
15
MIN
38
.250
MIN
6,35
23Z104
DATE CODE
COUNTRY OF
ORIGIN
23Z104
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic
B2005
10 6
15
Weight . . . . . . . . 3.7 grams
Tube . . . . . . . . . . . . 40/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
B2005
.130
3,30
.500 MAX
12,70
.400
10,16
.300
7,62
1
5
10
6
.500 MAX
12,70
.400 MAX
10,16
B2005
Date Code
Country of Origin
4X Æ.025
0,64




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
UPG2164T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
CD22402Sync Generator for TV Applications and Video Processing Systems 1 2 3 4 5 MoreHarris Corporation
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TFDU4202Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard 1 2 3 4 5 MoreVishay Siliconix
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl