Electronic Components Datasheet Search
Selected language     English  ā–¼


J0010D11 Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part No. J0010D11
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

 
 11 page
background image
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
11
G002.K (5/09)
HP 3577A
Network Analyzer
50
Ī©
50
Ī©
D.U.T.
Test Notes:
1.
Network analyzer calibrated to compensate for
50
ļ— resistors.
2.
All windings on a core are connected in parallel
for the test.
3.
For multi-core chokes, test data is for one core
only. The windings on the other core(s) are left
unconnected (i.e. open).
Common Mode Test Circuit for Surface Mount and Through Hole
J0010D11 - Filtered Connector
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700
Pulse North China
Room 1503
XinYin Building
No. 888 YiShan Rd.
Shanghai 200233
China
Tel: 86 21 54643211/2
Fax: 86 21 54643210
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
Ā© Copyright, 2009. Pulse Engineering, Inc. All rights reserved.
Dimensions:
Inches
Unless otherwise speciļ¬ed, all tolerances are
.010
mm
0,25




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
UPG2164T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
CD22402Sync Generator for TV Applications and Video Processing Systems 1 2 3 4 5 MoreHarris Corporation
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TFDU4202Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard 1 2 3 4 5 MoreVishay Siliconix
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl