Selected language     English  ▼


J0010D11 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part No. J0010D11
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PULSE [Pulse A Technitrol Company]
Homepage  http://www.pulseeng.com
Logo 

 
 4 page
background image
.018
TYP
0,46
23Z87SM
Date Code
Country of Origin
Fil-Mag
.230
5,84
.100
2,54
.050
TYP
1,27
.265
6,73
.005/.010
0,13/0,25
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.100
2,54
.050
1,27
.260
6,60
.400
10,16
.080
2,03
.030
0,76
SUGGESTED PAD LAYOUT
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Weight . . . . . . . . . . 0.5 grams
Tape & Reel . . . . . . . 750/reel
Tube . . . . . . . . . . . . . 100/tube
23Z87SM
Weight . . . . . . . . . . 0.3 grams
Tape & Reel . . . . . . 1500/reel
Tube . . . . . . . . . . . . . . 55/tube
.300
7,62
.120
3,05
.640
16,30
.400
10,20
.100 TYP
2,54
.050 TYP
1,27
.010 / .020
0,25 / 0,51
.340 MAX
8,64
.475 MAX
12,1
.085
2,16
.100
2,54
.004/0,100
8 Surfaces
.040 / .050
1,01 / 1,27
85
14
.600 MAX
15,30
.475 MAX
12,10
.400
10,20
.030
0,76
PE-6XXXX
DATA CODE
COUNTRY OF ORIGIN
Weight . . . . . . . . . . . . . . 2.0 grams
Tape & Reel . . . . . . . . . . . 250/reel
Tube . . . . . . . . . . . . . . . . . .40/tube
3
6
4
5
1
8
2
7
PE-65857
14
23
PE-65855
3
6
4
5
1
8
2
7
PE-67540
PE-65857, PE-67540
PE-68627
8
5
1
4
DATE CODE
COUNTRY OF
ORIGIN
.345
8,76
MAX
.285
7,24
.100
2,54
SUGGESTED PAD LAYOUT
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
MAX
.355
9,02
.207
5,26
MAX
.004/0,100
8 Surfaces
PE-68627
3
6
4
5
1
8
2
7
PE-68627
1 23
65 4
23Z87SM
Weight . . . . . . . . . 0.69 grams
Tape & Reel . . . . . . . 800/reel
Tube . . . . . . . . . . . . . 40 /tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
PE-65855
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
4
G002.K (5/09)
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
UPG2164T5NDPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN 1 2 3 4 5 MoreCalifornia Eastern Labs
CD22402Sync Generator for TV Applications and Video Processing Systems 1 2 3 4 5 MoreHarris Corporation
KSH44H11IGeneral Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications 1 2 3 4 5 Fairchild Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BTA206-A Silicon Triacs For Power-Control and Power-Switching Applications 1 2 3 4 5 GE Solid State
WM8960_06Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
TFDU4202Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard 1 2 3 4 5 MoreVishay Siliconix
AAT2805Dual High Efficiency Charge Pump for White LED and Flash Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl