Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6013CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6013CB
Description  Buck Pulse-Width Modulator (PWM) Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6013CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6013CB Datasheet HTML 2Page - Intersil Corporation HIP6013CB Datasheet HTML 3Page - Intersil Corporation HIP6013CB Datasheet HTML 4Page - Intersil Corporation HIP6013CB Datasheet HTML 5Page - Intersil Corporation HIP6013CB Datasheet HTML 6Page - Intersil Corporation HIP6013CB Datasheet HTML 7Page - Intersil Corporation HIP6013CB Datasheet HTML 8Page - Intersil Corporation HIP6013CB Datasheet HTML 9Page - Intersil Corporation HIP6013CB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
4325.1
November 3, 2005
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200µA
- typical). The OC trip point varies mainly due to the
MOSFET’s rDS(ON) variations. To avoid over-current tripping
in the normal operating load range, find the ROCSET resistor
from the equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine
,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using
wide, short printed circuit traces. The critical components
should be located as close together as possible using ground
plane construction or single point grounding.
Figure 5 shows the critical power components of the
converter. To minimize the voltage overshoot the
interconnecting wires indicated by heavy lines should be part
of ground or power plane in a printed circuit board. The
components shown in Figure 6 should be located as close
together as possible. Please note that the capacitors CIN
and CO each represent numerous physical capacitors.
Locate the HIP6013 within 3 inches of the MOSFETs, Q1.
The circuit traces for the MOSFETs’ gate and source
connections from the HIP6013 must be sized to handle up to
1A peak current.
Figure 6 shows the circuit traces that require additional
layout consideration. Use single point and ground plane
construction for the circuits shown. Minimize any leakage
current paths on the SS PIN and locate the capacitor, Css
close to the SS pin because the internal current source is
only 10
µA. Provide local V
CC decoupling between VCC and
GND pins. Locate the capacitor, CBOOT as close as practical
to the BOOT and PHASE pins.
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
I
PEAK
I
OCSET
R
OCSET
r
DS ON
()
---------------------------------------------------
=
IPEAK for IPEAK IOUT MAX
()
∆I
() 2
+
>
FIGURE 5. PRINTED CIRCUIT BOARD
POWER AND GROUND PLANES OR ISLANDS
LO
CO
UGATE
PHASE
Q1
D2
VIN
VOUT
RETURN
HIP6013
CIN
+12V
HIP6013
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
D2
PHASE
FIGURE 6. PRINTED CIRCUIT BOARD
SMALL SIGNAL LAYOUT GUIDELINES
+VIN
CBOOT
CVCC
CSS
HIP6013


Similar Part No. - HIP6013CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6013CB INTERSIL-HIP6013CB Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013CB RENESAS-HIP6013CB Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
HIP6013CBZ RENESAS-HIP6013CBZ Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
More results

Similar Description - HIP6013CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6007 RENESAS-HIP6007 Datasheet
554Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6007 INTERSIL-HIP6007 Datasheet
100Kb / 10P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
HIP6013 RENESAS-HIP6013 Datasheet
601Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6013 INTERSIL-HIP6013 Datasheet
103Kb / 11P
   Buck Pulse-Width Modulator (PWM) Controller
ISL6535 INTERSIL-ISL6535 Datasheet
343Kb / 14P
   Synchronous Buck Pulse-Width Modulator PWM Controller
logo
Renesas Technology Corp
ISL6535 RENESAS-ISL6535 Datasheet
743Kb / 15P
   Synchronous Buck Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com