Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-64683 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-64683
Description  Suited for LAN and Telecom Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-64683 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-64683 Datasheet HTML 1Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 2Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 3Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 4Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 5Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 6Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 7Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 8Page - Pulse A Technitrol Company PE-64683 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.pulseeng.com
5
G002.K (5/09)
.018
TYP
0,46
23Z10XSM
Date Code Country of Origin
Fil-Mag
.450
11,43
.350
8,89
.050
TYP
1,27
.265
6,73
.005/.010
0,13/0,25
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.050
1,27
.260
6,60
.400
10,16
.030
0,76
SUGGESTED PAD LAYOUT
.070
1,78
.350
8,89
.018
TYP
0,46
23Z104SM
Date Code
Country of
Origin
.230
5,84
.150
3,81
.050
TYP
1,27
.265
6,73
0°-8°
.360
9,14
.020
MIN
0,51
.215
5,46
.005/.010
0,13/0,25
.100
2,54
.050
1,27
.260
6,60
.400
10,16
.080
2,03
.030
0,76
SUGGESTED PAD LAYOUT
23Z104SM
1
8
2
7
3
6
4
5
23Z104SM
Weight . . . . . . . . . . 0.5 grams
Tape & Reel . . . . . . . 750/reel
Tube . . . . . . . . . . . . . 100/tube
23Z105SM, 23Z106SM
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
23Z105SM
23Z105SM
23Z106SM
Weight . . . . . . . . . . 0.8 grams . . . . 1.0 grams
Tape & Reel . . . . . . . 750/reel . . . . . 750/reel
Tube . . . . . . . . . . . . . . 50/tube . . . . . .50/tube
1
16
2
15
4
13
5
12
7
10
8
9
23Z106SM
.500
12,70
0°-8°
.005/.010
0,13/0,25
23Z4000SMD
Date Code
Country of Origin
.600
15,24
.300
762
.270
6,86
.020
MIN
0,51
.395
10,03
.100
TYP
2,54
.
018
TYP
0,46
.300
7,62
.100
2,54
.380
9,65
SUGGESTED PAD LAYOUT
.080
2,03
.030
0,76
.540
13,72
23Z4000SMD
.018
TYP
0,46
23Z109SM
Date Code Country of Origin
Fil-Mag
.600
15,24
.450
11,43
.050
TYP
1,27
.295
7,49
.420
10,67
.030
MIN
0,76
.215
5,46
0°-8°
5/.010
3/0,25
.050
1,27
.460
11,68
SUGGESTED PAD LAYOUT
.090
2,29
.450
11,43
.030
0,76
.280
7,11
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Weight . . . . . . . . . . 1.3 grams
Tape & Reel . . . . . . . 500/reel
Tube . . . . . . . . . . . . . . 38/tube
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
9
12
10
11
23Z109SM
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Weight . . . . . . . . . . 2.1 grams
Tape & Reel . . . . . . . 350/reel
Tube . . . . . . . . . . . . . . 38/tube
1
8
2
7
3
6
4
5
23Z4000SMD
23Z109SM
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715
Mechanical
Schematic


Similar Part No. - PE-64683

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-64108 PULSE-PE-64108 Datasheet
750Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64108 PULSE-PE-64108 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64108 PULSE-PE-64108 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64109 PULSE-PE-64109 Datasheet
750Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64109 PULSE-PE-64109 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
More results

Similar Description - PE-64683

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-67539NL PULSE-PE-67539NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
PCA ELECTRONICS INC.
EPZ3063G PCA-EPZ3063G Datasheet
16Kb / 1P
   Common Mode Choke for LAN and Telecom Applications
logo
Bel Fuse Inc.
S555-5999-41 BEL-S555-5999-41 Datasheet
157Kb / 10P
   COMMON MODE CHOKES For LAN and Telecom Applications
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
LTC0320-50R LINKCOM-LTC0320-50R Datasheet
92Kb / 2P
   Common Mode Chokes For DSL and Telecom Applications
LTC0397-50R LINKCOM-LTC0397-50R Datasheet
88Kb / 1P
   Common Mode Chokes For DSL and Telecom Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com