Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP8156EVAL2 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HMP8156EVAL2
Description  NTSC/PAL Encoders
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8156EVAL2 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HMP8156EVAL2 Datasheet HTML 7Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 8Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 9Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 10Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 11Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 12Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 13Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 14Page - Intersil Corporation HMP8156EVAL2 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
4343.4
November 4, 2005
8-Bit BT.656 Format
When BT.656 format is selected, data is latched on each
rising edge of CLK2. Overlay data is latched when the Y
input data is latched. However, the overlay data must arrive
three pixels after its corresponding Y data. The pixel and
overlay input timing is shown in Figure 12.
As inputs, the BLANK, HSYNC, and VSYNC pins are
ignored since all timing is derived from the EAV and SAV
sequences within the data stream. As outputs, BLANK,
HSYNC and VSYNC are output following the rising edge of
CLK2. If the CLK pin is configured as an input, it is ignored. If
configured as an output, it is one-half the CLK2 frequency.
Square pixel operation, overlay processing with internal
mixing, flicker filtering, and SIF mode 2X upsampling are not
supported for the BT.656 input format. Also, the HSYNC,
VSYNC, and BLANK signals must be configured as outputs.
Video Timing Control
Regardless of the input mode, the output video timing of the
HMP8154/HMP8156A is at 50 or 59.94 fields per second
(interlaced). For normal and 2X upscaling modes, the pixel
input timing is at 50 or 59.94 fields per second; with the
flicker filter enabled, the input timing rate is twice as fast. The
output video and pixel input timing is controlled by the
BLANK, HSYNC, VSYNC, FIELD, and CLK2 pins.
HSYNC, VSYNC, and Field Timing
The leading edge of HSYNC indicates the beginning of a
horizontal sync interval. If HSYNC is an output, it is asserted
for about 4.7
µs. If HSYNC is an input, it must be active for at
least two CLK2 periods. The width of the horizontal
composite sync tip is determined from the video standard
and does not depend on the width of HSYNC.
The leading edge of VSYNC indicates the beginning of a
vertical sync interval. If VSYNC is an output, it is asserted for
3 scan lines in (M, NSM) NTSC and (M, N) PAL modes or 2.5
scan lines in (B, D, G, H, I, CN) PAL modes. If VSYNC is an
input, it must be asserted for at least two CLK2 periods.
When HSYNC and VSYNC are configured as outputs, their
leading edges will occur simultaneously at the start of an
odd field. At the start of an even field, the leading edge of
VSYNC occurs in the middle of the line.
When HSYNC and VSYNC are configured as inputs, the
HMP8154/HMP8156A provides a programmable HSYNC
window for determining FIELD. The window is specified with
respect to the leading or trailing edge of VSYNC. The edge
is selected in the field control register. When HSYNC is
found inside the window, then the encoder sets FIELD to the
value specified in the field control register.
The HMP8154/HMP8156A provides programmable timing
for the VSYNC input. At the active edge of VSYNC, the
encoder resets its vertical half-line counter to the value
specified by the field control register. This allows the input
and output syncs to be offset, although the data must still be
aligned.
The FIELD signal is always an output and changes state
near each leading edge of VSYNC. The delay between the
syncs and FIELD depends on the encoder’s operating mode
as summarized in Table 6. In modes in which the encoder
uses CLK to gate its inputs and outputs, the FIELD signal
may be delayed 0-12 additional CLK2 periods.
Figure 13 illustrates the HSYNC, VSYNC, and FIELD
general timing for (M, NSM) NTSC and (M, N) PAL. Figure
14 illustrates the general timing for (B, D, G, H, I, CN) PAL. In
the figures, all the signals are shown active low (their reset
state), and FIELD is low during odd fields.
FIGURE 12. PIXEL AND OVERLAY INPUT TIMING - BT.656
Cb 2
Y 2
Cr 2
Y 3
Cb 4
Y 4
CLK2
P8-P15
PIXEL 0
PIXEL 1
OL0-OL2,
M1, M0
"FF"
"00"
BLANK
(OUTPUT)
"00"
"XY"
"10"
PIXEL N-2
PIXEL N-1
"10"
"80"
PIXEL N
TABLE 6. FIELD OUTPUT TIMING
OPERATING MODE
CLK2
DELAY
COMMENTS
SYNC I/O
DIRECTION
BLANK I/O
DIRECTION
Input
Input
148
FIELD lags VSYNC switch-
ing from odd to even.
FIELD lags the earlier of
VSYNC and HSYNC when
syncs are aligned when
switching from even to odd.
Input
Output
138
FIELD lags VSYNC.
Output
Don’t Care
32
FIELD leads VSYNC.
HMP8154, HMP8156A


Similar Part No. - HMP8156EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8156EVAL2 INTERSIL-HMP8156EVAL2 Datasheet
185Kb / 33P
   NTSC/PAL Encoder
logo
Harris Corporation
HMP8156EVAL2 HARRIS-HMP8156EVAL2 Datasheet
719Kb / 40P
   NTSC/PAL Video Decoder
HMP8156EVAL2 HARRIS-HMP8156EVAL2 Datasheet
563Kb / 40P
   NTSC/PAL Video Decoder
logo
Intersil Corporation
HMP8156EVAL2 INTERSIL-HMP8156EVAL2 Datasheet
654Kb / 33P
   NTSC/PAL Encoder
HMP8156EVAL2 INTERSIL-HMP8156EVAL2 Datasheet
579Kb / 34P
   NTSC/PAL Encoders
More results

Similar Description - HMP8156EVAL2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HMP8154 RENESAS-HMP8154 Datasheet
1Mb / 34P
   NTSC/PAL Encoders
logo
Intersil Corporation
HMP8154 INTERSIL-HMP8154 Datasheet
579Kb / 34P
   NTSC/PAL Encoders
logo
Analog Devices
AD720 AD-AD720 Datasheet
146Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD720 AD-AD720_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
AD721 AD-AD721_15 Datasheet
287Kb / 8P
   RGB to NTSC/PAL Encoders
REV. 0
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
logo
NXP Semiconductors
TDA3566A PHILIPS-TDA3566A Datasheet
253Kb / 24P
   PAL/NTSC decoder
February 1994
logo
Sony Corporation
CXA1219 SONY-CXA1219 Datasheet
509Kb / 11P
   NTSC/PAL Decoder
logo
Renesas Technology Corp
M52390FP RENESAS-M52390FP Datasheet
373Kb / 23P
   NTSC/PAL Encoder
logo
Mitsubishi Electric Sem...
M51272P MITSUBISHI-M51272P Datasheet
693Kb / 13P
   NTSC/PAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com