Electronic Components Datasheet Search |
|
74ACTQ02 Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74ACTQ02 Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page 3 www.fairchildsemi.com AC Electrical Characteristics Note 7: Voltage Range 5.0 is 5.0V r 0.5V Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design. Capacitance VCC TA 25qCTA 40qC to 85qC Symbol Parameter (V) CL 50 pF CL 50 pF Units (Note 7) Min Typ Max Min Max tPLH Propagation Delay Data to Output 5.0 2.0 5.0 7.5 2.0 8.0 ns tPHL Propagation Delay Data to Output 5.0 2.0 5.0 7.5 2.0 8.0 ns tOSHL, Output to Output 5.0 0.5 1.0 1.0 ns tOSLH Skew (Note 8) Symbol Parameter Typ Units Conditions CIN Input Capacitance 4.5 pF VCC OPEN CPD Power Dissipation Capacitance 75 pF VCC 5.0V |
Similar Part No. - 74ACTQ02_05 |
|
Similar Description - 74ACTQ02_05 |