Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29BDD160GT28DKK Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29BDD160GT28DKK
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DKK Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29BDD160GT28DKK Datasheet HTML 1Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 2Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 3Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 4Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 5Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GT28DKK Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 79 page
background image
DATA SHEET
Publication# 24960
Rev: D Amendment: 5
Issue Date: June 7, 2006
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29BDD160G
16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode,
Dual Boot, Simultaneous Read/Write Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in other bank.
(–40°C to 85°C, 56 MHz and below only)
— Zero latency between read and write operations
— Two bank architecture: 75%/25%
User-Defined x16 or x32 Data Bus
Dual Boot Block
— Top and bottom boot in the same device
Flexible sector architecture
— Eight 8 Kbytes, thirty 64 Kbytes, and eight 8 Kbytes
sectors
Manufactured on 0.17 µm process technology
SecSi (Secured Silicon) Sector (256 Bytes)
— Current version of device has 64 Kbytes; future
versions will have 256 bytes
— Factory locked and identifiable: 16 bytes for secure,
random factory Electronic Serial Number; remainder
may be customer data programmed by AMD
— Customer lockable: Can be read, programmed, or
erased just like other sectors. Once locked, data
cannot be changed
Programmable Burst interface
— Interface to any high performance processor
— Modes of Burst Read Operation:
Linear Burst: 4 double words (x32), 8 words (x16)
and double words (x32), and 32 words (x16) with
wrap around
Single power supply operation
— Optimized for 2.5 to 2.75 volt read, erase, and
program operations
Compatible with JEDEC standards (JC42.4)
— Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
High performance read access
— Initial/random access time as fast as 54 ns
— Burst access time as fast as 9 ns for ball grid array
package
Ultra low power consumption
— Burst Mode Read: 90 mA @ 66 MHz max
— Program/Erase: 50 mA max
— Standby mode: CMOS: 60 µA max
Minimum 1 million write cycles guaranteed per
sector
20 year data retention at 125°C
VersatileI/O
TM control
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the V
IO pin
— 1.65 V to 2.75 V compatible I/O signals
SOFTWARE FEATURES
Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector (requires only V
CC levels)
Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector using a user-definable 64-bit password
Supports Common Flash Interface (CFI)
Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
HARDWARE FEATURES
Program Suspend/Resume & Erase
Suspend/Resume
— Suspends program or erase operations to allow
reading, programming, or erasing in same bank
Hardware Reset (RESET#), Ready/Busy# (RY/BY#),
and Write Protect (WP#) inputs
ACC input
— Accelerates programming time for higher throughput
during system production
Package options
— 80-pin PQFP
— 80-ball Fortified BGA
NOTE: For new designs, S29CD016G supersedes Am29BDD160G and is the factory-recommended migration path for this device. Please refer to the S29CD016G datasheet for specifica-
tions and ordering information.


Similar Part No. - AM29BDD160GT28DKK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BDD160GT54D AMD-AM29BDD160GT54D Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GT64C AMD-AM29BDD160GT64C Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GT65A AMD-AM29BDD160GT65A Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Similar Description - AM29BDD160GT28DKK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com