Electronic Components Datasheet Search |
|
AM29BDD160GT28DKK Datasheet(PDF) 7 Page - Advanced Micro Devices |
|
AM29BDD160GT28DKK Datasheet(HTML) 7 Page - Advanced Micro Devices |
7 / 79 page June 7, 2006 Am29BDD160G 5 PRODUCT SELECTOR GUIDE Note: The 54D, 64C, and 65A speed options are tested and guaranteed to operate only at the 66 MHz, 56MHz, and 40MHz frequencies respectively. Operation and other frequencies is not warranted. BLOCK DIAGRAM Part Number Am29BDD160G Standard Voltage Range: VCC = 2.5 – 2.75 V Synchronous/Burst or Asynchronous Speed Option (Clock Rate) 54D (66 MHz) 64C (56 MHz) 65A (40 MHz) Max Initial/Asynchronous Access Time, ns (t ACC) 54 64 67 Max Burst Access Delay (ns) 9 FBGA/9.5 PQFP 10 FBGA/10 PQFP 17 Max Clock Rate (MHz) 66 56 40 Min Initial Clock Delay (clock cycles) 3 3 2 Max CE# Access, ns (t CE) 58 69 71 Max OE# Access, ns (tOE) 20 28 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer V CC Detector State Control Command Register V CC V SS WE# RESET# ACC WP# WORD# CE# OE# DQ0 –DQ15 A0–A18 Data Latch Y-Gating Cell Matrix DQ0–DQ31 A0–A18 RDY Buffer RDY Burst State Control Burst Address Counter ADV# CLK A0–A20 VIO IND/ WAIT# |
Similar Part No. - AM29BDD160GT28DKK |
|
Similar Description - AM29BDD160GT28DKK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |