Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5767EVAL2 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI5767EVAL2
Description  10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5767EVAL2 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI5767EVAL2 Datasheet HTML 5Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 6Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 7Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 8Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 9Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 10Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 11Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 12Page - Intersil Corporation HI5767EVAL2 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FIGURE 6. EFFECTIVE NUMBER OF BITS (ENOB) vs
SAMPLE CLOCK DUTY CYCLE
FIGURE 7. EFFECTIVE NUMBER OF BITS (ENOB) vs
ANALOG INPUT COMMON MODE VOLTAGE
FIGURE 8. SUPPLY CURRENT vs SAMPLE CLOCK
FREQUENCY
FIGURE 9. EFFECTIVE NUMBER OF BITS (ENOB) vs
TEMPERATURE
FIGURE 10. INTERNAL REFERENCE VOLTAGE (VREFOUT) vs
TEMPERATURE
FIGURE 11. DC BIAS VOLTAGE (VDC) vs TEMPERATURE
Typical Performance Curves (Continued)
40MSPS
DUTY CYCLE (%, tH/tCLK)
9.5
8.0
7.5
7.0
6.5
6.0
5.5
30
35
40
45
50
55
60
70
TA = 25
oC, f
IN = 10MHz
9.0
8.5
65
60MSPS
20MSPS
VCM (V)
9.1
8.8
8.7
8.6
8.5
8.4
8.3
0.25 0.75
1.25
1.75
2.25
2.75
3.25
4.75
9.0
8.9
3.75
20MSPS
4.25
40MSPS
60MSPS
TA = 25
oC, f
IN = 10MHz
DIFFERENTIAL ANALOG INPUT
fS (MSPS)
80
50
40
30
20
10
0
10
15
20
25
30
35
40
55
70
60
45
50
DICC1
DICC2
ICC
AICC
TA = 25
oC, 1MHz < f
IN < 15MHz
60
TEMPERATURE (oC)
9.2
8.6
8.4
8.2
8.0
-40
-20
0
20
40
80
9.0
8.8
60
60MSPS
40MSPS
fIN = 10MHz, VREFIN = VREFOUT
DIFFERENTIAL ANALOG INPUT
20MSPS
TEMPERATURE (oC)
2.530
2.515
2.510
-40
-20
0
20
40
80
2.525
2.520
60
VREFOUT
TEMPERATURE (oC)
3.1
2.9
-40
-20
0
20
40
80
3.0
60
VDC
HI5767


Similar Part No. - HI5767EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5767EVAL2 INTERSIL-HI5767EVAL2 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767EVAL2 RENESAS-HI5767EVAL2 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
More results

Similar Description - HI5767EVAL2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
   3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com