Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ153SC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ACTQ153SC
Description  Quiet Series Dual 4-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ153SC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ153SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ153SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
FACT Noise Characteristics
The setup of a noise characteristics measurement is critical
to the accuracy and repeatability of the tests. The following
is a brief description of the setup used to measure the
noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50 pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150 ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper load-
ing of the outputs and that the input levels are at the
correct voltage.
4. Set the HFS generator to toggle all but one output at a
frequency of 1 MHz. Greater frequencies will increase
DUT heating and effect the results of the measure-
ment.
5. Set the HFS generator input levels at 0V LOW and 3V
HIGH for ACT devices and 0V LOW and 5V HIGH for
AC devices. Verify levels with an oscilloscope.
Note 8: VOHV and VOLP are measured with respect to ground reference.
Note 9: Input pulses have the following characteristics: f
= 1 MHz, t
r = 3ns,
tf = 3 ns, skew < 150 ps.
FIGURE 1. Quiet Output Noise Voltage Waveforms
VOLP/VOLV and VOHP/VOHV:
• Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually be
the furthest from the ground pin. Monitor the output volt-
ages using a 50
Ω coaxial cable plugged into a standard
SMB type connector on the test fixture. Do not use an
active FET probe.
• Measure VOLP and VOLV on the quiet output during the
worst case transition for active and enable. Measure
VOHP and VOHV on the quiet output during the worst
case active and enable transition.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
VILD and VIHD:
• Monitor one of the switching outputs using a 50
Ω coaxial
cable plugged into a standard SMB type connector on
the test fixture. Do not use an active FET probe.
• First increase the input LOW voltage level, VIL, until the
output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input LOW voltage level at which
oscillation occurs is defined as VILD.
• Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2 ns.
Oscillation is defined as noise on the output LOW level
that exceeds VIL limits, or on output HIGH levels that
exceed VIH limits. The input HIGH voltage level at which
oscillation occurs is defined as VIHD.
• Verify that the GND reference recorded on the oscillo-
scope has not drifted to ensure the accuracy and repeat-
ability of the measurements.
FIGURE 2. Simultaneous Switching Test Circuit


Similar Part No. - 74ACTQ153SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ153SC FAIRCHILD-74ACTQ153SC Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
More results

Similar Description - 74ACTQ153SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ153 FAIRCHILD-74ACTQ153 Datasheet
100Kb / 7P
   Quiet Series Dual 4-Input Multiplexer
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com