Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ821 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74ACTQ821
Description  Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ821 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74ACTQ821_00 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP package.
Note 5: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. One output @ GND.
Note 6: Maximum number of data inputs (n) switching. (n
−1) inputs switching 0V to 3V. Input-under-test switching: 3V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
± 0.5V
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements
Note 9: Voltage Range 5.0 is 5.0V
± 0.5V
Capacitance
VCC
TA = + 25°CTA = − 40°C to + 85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
5.0
120
110
MHz
Frequency
tPLH
Propagation Delay
5.0
3.0
6.5
9.5
2.5
10.5
ns
tPHL
CP to On
tPZH
Output Enable Time
5.0
3.0
7.5
10.5
2.5
11.5
ns
tPZL
OE to On
tPHZ
Output Disable Time
5.0
1.0
6.5
8.5
1.0
9.0
ns
tPLZ
OE to On
tOSLH
Output to Output Skew
5.0
0.5
1.0
1.0
ns
tOSHL
CP to On (Note 8)
VCC
TA = + 25°CTA = − 40°C to + 85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 9)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
3.0
3.0
ns
Dn to CP
tH
Hold Time, HIGH or LOW
5.0
1.5
1.5
ns
Dn to CP
tH
CP Pulse Width
5.0
4.5
5.5
ns
HIGH or LOW
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
55.0
pF
VCC = 5.0V


Similar Part No. - 74ACTQ821_00

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74ACTQ821L NSC-74ACTQ821L Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SC FAIRCHILD-74ACTQ821SC Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ821SD NSC-74ACTQ821SD Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SPC FAIRCHILD-74ACTQ821SPC Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACTQ821_00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823 Datasheet
75Kb / 7P
   Quiet Seriesa??9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com