Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F646 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F646
Description  Octal Transceiver/Register with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F646 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F646_04 Datasheet HTML 1Page - Fairchild Semiconductor 74F646_04 Datasheet HTML 2Page - Fairchild Semiconductor 74F646_04 Datasheet HTML 3Page - Fairchild Semiconductor 74F646_04 Datasheet HTML 4Page - Fairchild Semiconductor 74F646_04 Datasheet HTML 5Page - Fairchild Semiconductor 74F646_04 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2004 Fairchild Semiconductor Corporation
DS009580
www.fairchildsemi.com
March 1988
Revised January 2004
74F646
Octal Transceiver/Register with 3-STATE Outputs
General Description
These devices consist of bus transceiver circuits with
3-STATE, D-type flip-flops, and control circuitry arranged
for multiplexed transmission of data directly from the input
bus or from the internal registers. Data on the A or B bus
will be clocked into the registers as the appropriate clock
pin goes to a high logic level. Control G and direction pins
are provided to control the transceiver function. In the
transceiver mode, data present at the high impedance port
may be stored in either the A or the B register or in both.
The select controls can multiplex stored and real-time
(transparent mode) data. The direction control determines
which bus will receive data when the enable control G is
Active LOW. In the isolation mode (control G HIGH), A data
may be stored in the B register and/or B data may be
stored in the A register.
Features
s Independent registers for A and B buses
s Multiplexed real-time and stored data
s 74F646 has non-inverting data paths
s 3-STATE outputs
s 300 mil slim DIP
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Order Number
Package Number
Package Description
74F646SC
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74F646MSA
MSA24
24-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74F646SPC
N24C
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74F646_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F646A PHILIPS-74F646A Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
logo
National Semiconductor ...
74F646B NSC-74F646B Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BFCQB NSC-74F646BFCQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BFCX NSC-74F646BFCX Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
74F646BFMQB NSC-74F646BFMQB Datasheet
216Kb / 12P
   Octal Transceiver/Register with TRI-STATE Outputs
More results

Similar Description - 74F646_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com