Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F269SPC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74F269SPC
Description  8-Bit Bidirectional Binary Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F269SPC Datasheet(HTML) 6 Page - Fairchild Semiconductor

  74F269SPC Datasheet HTML 1Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 2Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 3Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 4Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 5Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 6Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 7Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 8Page - Fairchild Semiconductor 74F269SPC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F269 Rev. 1.0.2
6
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = 0°C to 70°C,
VCC = +5.0V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Count Frequency
100
MHz
tPLH
Propagation Delay,
CP to Qn (Count-Up)
3.5
8.0
3.5
7.0
ns
tPHL
4.5
10.5
4.5
11.0
tPLH
Propagation Delay,
U/D to TC
3.5
7.5
3.5
10.0
ns
tPHL
4.5
7.5
4.5
11.0
tPLH
Propagation Delay,
CET to TC
3.5
7.0
3.5
10.5
ns
tPHL
3.0
10.5
3.0
11.5
tPLH
Propagation Delay,
CP to TC
4.5
10.0
4.5
10.5
ns
tPHL
5.0
10.0
4.5
10.5
tPLH
Propagation Delay,
CP to Qn (Count-Down)
3.5
10.5
3.5
11.0
ns
tPHL
4.5
10.5
4.5
11.0
tPLH
Propagation Delay,
CP to Qn (Load)
3.5
7.0
3.5
10.0
ns
tPHL
4.0
7.0
4.0
7.0
Symbol
Parameter
TA = +25°C,
VCC = +5.0V
TA = 0°C to 70°C,
VCC = +5.0V
Units
Min.
Max.
Min.
Max.
tS(H)
Setup Time, HIGH or LOW,
Data to CP
3.5
4.0
ns
tS(L)
3.0
3.0
tH(H)
Hold Time, HIGH or LOW,
Data to CP
1.0
2.0
ns
tH(L)
1.0
1.0
tS(H)
Setup Time, HIGH or LOW,
PE to CP
5.5
6.5
ns
tS(L)
5.5
6.5
tH(H)
Hold Time, HIGH or LOW,
PE to CP
00
ns
tH(L)
0
0
tS(H)
Setup Time, HIGH or LOW,
CET or CEP to CP
6.0
6.5
ns
tS(L)
8.0
9.0
tH(H)
Hold Time, HIGH or LOW,
CET or CEP to CP
00
ns
tH(L)
0
0
tW(H)
Clock Pulse Width, HIGH or LOW
3.5
3.5
ns
tW(L)
3.5
4.0
tS(H)
Setup Time, HIGH or LOW,
U/D to CP
8.0
9.5
ns
tS(L)
6.0
7.0
tH(H)
Hold Time, HIGH or LOW,
U/D to CP
0.0
0.0
ns
tH(L)
0.0
0.0


Similar Part No. - 74F269SPC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269SPC FAIRCHILD-74F269SPC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269SPC FAIRCHILD-74F269SPC Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
More results

Similar Description - 74F269SPC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
   8-bit bidirectional binary counter
1996 Jan 05
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com