Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50DL128CH Datasheet(PDF) 7 Page - SPANSION

Part # AM50DL128CH
Description  Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM50DL128CH Datasheet(HTML) 7 Page - SPANSION

Back Button AM50DL128CH Datasheet HTML 3Page - SPANSION AM50DL128CH Datasheet HTML 4Page - SPANSION AM50DL128CH Datasheet HTML 5Page - SPANSION AM50DL128CH Datasheet HTML 6Page - SPANSION AM50DL128CH Datasheet HTML 7Page - SPANSION AM50DL128CH Datasheet HTML 8Page - SPANSION AM50DL128CH Datasheet HTML 9Page - SPANSION AM50DL128CH Datasheet HTML 10Page - SPANSION AM50DL128CH Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
February 6, 2004
Am50DL128CH
5
ADV ANCE
I N FO RMAT I O N
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am50DL128CH
Speed
Options
Standard Voltage
Range: VCC =
2.7–3.3 V
Flash Memory
Pseudo SRAM
56
70
85
56
70
85
Max Access Time, ns
55
70
85
70
70
85
Page Access Time
(pSRAM), ns
N/A
N/A
N/A
30
30
35
CE#f Access, ns
55
70
85
70
70
85
OE# Access, ns
25
30
40
25
25
30
VSS
VCCs
RESET#2
WE#
OE#
CE1#ps
LB#
UB#
CE#f1
WP#/ACC
CE2ps
64 MBit
Static RAM
64 MBit
Flash Memory
#2
DQ15 to DQ0
DQ15 to DQ0
RY/BY#1
VSS
VCCf
64 MBit
Flash Memory
#1
A21 to A0
A21 to A0
A21 to A0
CE#f2
DQ15 to DQ0
VSSf
VCCf
RY/BY#2
RESET#1


Similar Part No. - AM50DL128CH

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM50DL128CH AMD-AM50DL128CH Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
AM50DL128CH56IS AMD-AM50DL128CH56IS Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
AM50DL128CH56IT AMD-AM50DL128CH56IT Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
AM50DL128CH70IS AMD-AM50DL128CH70IS Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
AM50DL128CH70IT AMD-AM50DL128CH70IT Datasheet
928Kb / 64P
   STACKED MULTI-CHIP PACKAGE (MCP) FLASH MEMORY AND SRAM
More results

Similar Description - AM50DL128CH

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29DL32XG SPANSION-AM29DL32XG_06 Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM29DL320G AMD-AM29DL320G Datasheet
1Mb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL32XG AMD-AM29DL32XG Datasheet
1,019Kb / 58P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com