Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX540BQX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74LCX540BQX
Description  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX540BQX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LCX540BQX Datasheet HTML 1Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 2Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 3Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 4Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 5Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 6Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 7Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 8Page - Fairchild Semiconductor 74LCX540BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2006
74LCX540 Rev. 1.0.0
74LCX540
Low Voltage Octal Buffer/Line Driver
with 5V Tolerant Inputs and Outputs
Features
5V tolerant input and outputs
2.3V–3.6V VCC specifications provided
6.5ns tPD max (VCC = 3.3V), 10µA ICC max
Power down high impedance inputs and outputs
Supports live insertion/withdrawal(1)
Implements patented noise/ EMI reduction circuitry
Latch-up performance exceeds JEDEC 78 conditions
ESD performance
– Human body model
> 2000V
– Machine model
> 200V
Leadless Pb-Free DQFN package
General Description
The LCX540 is an octal buffer/line driver designed to be
employed as a memory and address driver, clock driver
and bus oriented transmitter/receiver.
This device is similar in function to the LCX240 while
providing flow-through architecture (inputs on opposite
side from outputs). This pinout arrangement makes this
device especially useful as an output port for micropro-
cessors, allowing ease of layout and greater PC board
density.
The LCX540 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V
signal environment. The LCX540 is fabricated with an
advanced CMOS technology to achieve high speed
operation while maintaining CMOS low power dissipa-
tion.
Ordering Information
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Notes:
1.
To ensure the high impedance state during power up or down, OE should be tied to VCC through a pull-up resistor: the minimum
value of the resistor is determined by the current-sourcing capability of the driver.
2.
DQFN package available in Tape and Reel only.
3.
“_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Number
Package Description
74LCX540WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX540SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX540BQX(2)
MLP020B
Pb-Free 20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN),
JEDEC MO-241, 2.5 x 4.5mm
74LCX540MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX540MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153,
4.4mm Wide
74LCX540MTC_NL(3)
MTC20
Pb-Free 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC
MO-153, 4.4mm Wide


Similar Part No. - 74LCX540BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX540BQX FAIRCHILD-74LCX540BQX Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540BQX FAIRCHILD-74LCX540BQX Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540BQX ONSEMI-74LCX540BQX Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
More results

Similar Description - 74LCX540BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com