Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX540MSA Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74LCX540MSA
Description  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX540MSA Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74LCX540MSA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 9Page - Fairchild Semiconductor 74LCX540MSA Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
74LCX540 Rev. 1.0.0
AC Loading and Waveforms (Generic for LCX Family)
Figure 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and
Non-Inverting Functions
Propagation Delay, Pulse Width and
trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and
Recovery Time for Logic
trise and tfall
Figure 2. Waveforms (Input Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC = 3.3 ± 0.3V
VCC x 2 at VCC = 2.5 ± 0.2V
tPZH, tPHZ
GND
VCC
DUT
CL
500
500
OPEN
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
GND
VI
TEST
SIGNAL
VCC
GND
DATA
IN
DATA
OUT
tpxx
tpxx
Vmi
Vmo
VCC
GND
CONTROL
IN
CLOCK
OUTPUT
tPHL
tPLH
trec
tW
Vmi
Vmi
Vmo
Vmo
VCC
VX
VOL
GND
DATA
OUT
OUTPUT
CONTROL
tPZL
tPLZ
Vmi
Vmo
DATA
IN
CONTROL
INPUT
MR
OR
CLEAR
tS
tS
tH
trec
VCC
GND
VCC
GND
Vmi
Vmi
Vmi
ANY
OUTPUT
tr
tf
VOH
VOL
10%
10%
90%
90%
Symbol
VCC
3.3V
± 0.3V
2.7V
2.5V
± 0.2V
Vmi
1.5V
1.5V
VCC / 2
Vmo
1.5V
1.5V
VCC / 2
Vx
VOL + 0.3V
VOL + 0.3V
VOL + 0.15V
Vy
VOH − 0.3V
VOH − 0.3V
VOH − 0.15V
DATA
OUT
OUTPUT
CONTROL
tPZH
tPHZ
VCC
GND
Vmi
VOH
VY
Vmo


Similar Part No. - 74LCX540MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX540MSA FAIRCHILD-74LCX540MSA Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540MSA FAIRCHILD-74LCX540MSA Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540MSA ONSEMI-74LCX540MSA Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
More results

Similar Description - 74LCX540MSA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com