Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI7106 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HI7106
Description  3 1/2 Digit, LCD/LED Display, A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI7106 Datasheet(HTML) 2 Page - Intersil Corporation

  HI7106_02 Datasheet HTML 1Page - Intersil Corporation HI7106_02 Datasheet HTML 2Page - Intersil Corporation HI7106_02 Datasheet HTML 3Page - Intersil Corporation HI7106_02 Datasheet HTML 4Page - Intersil Corporation HI7106_02 Datasheet HTML 5Page - Intersil Corporation HI7106_02 Datasheet HTML 6Page - Intersil Corporation HI7106_02 Datasheet HTML 7Page - Intersil Corporation HI7106_02 Datasheet HTML 8Page - Intersil Corporation HI7106_02 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage
HI7106, V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Analog Input Voltage (Either Input) (Note 1) . . . . . . . . . . . . V+ to V-
Reference Input Voltage (Either Input) . . . . . . . . . . . . . . . . . V+ to V-
Clock Input
HI7106 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TEST to V+
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s). . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(Note 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Zero Input Reading
VIN = 0.0V, Full Scale = 200mV
-000.0
±000.0 +000.0
Digital
Reading
Stability (Last Digit)
Fixed Input Voltage (Note 6)
-000.1
±000.0 +000.1
Digital
Reading
Ratiometric Reading
VlN = VREF, VREF = 100mV
999
999/10
00
1000
Digital
Reading
Rollover Error
-VIN = +VlN ≅ 200mV
Difference in Reading for Equal Positive and
Negative Inputs Near Full Scale
-
±0.2
±1
Counts
Linearity
Full Scale = 200mV or Full Scale = 2V Maximum
Deviation from Best Straight Line Fit (Note 6)
-
±0.2
±1
Counts
Common Mode Rejection Ratio
VCM = 1V, VIN = 0V, Full Scale = 200mV (Note 6)
-
50
-
µV/V
Noise
VIN = 0V, Full Scale = 200mV
(Peak-To-Peak Value Not Exceeded 95% of Time)
-15
-
µV
Leakage Current Input
VlN = 0 (Note 6)
-
1
10
pA
Zero Reading Drift
VlN = 0, 0
oC To 70oC (Note 6)
-
0.2
1
µV/oC
Scale Factor Temperature Coefficient
VIN = 199mV, 0
oC To 70oC,
(Ext. Ref. 0ppm /× oC) (Note 6)
-
1
5
ppm/oC
End Power Supply Character V+ Supply
Current
VIN = 0
-
0.6
1.8
mA
COMMON Pin Analog Common Voltage
25k
Ω Between Common and
Positive Supply (With Respect to + Supply)
2.4
2.8
3.2
V
Temperature Coefficient of Analog Common
25k
Ω Between Common and
Positive Supply (With Respect to + Supply)
-
80
-
ppm/oC
DISPLAY DRIVER
Peak-To-Peak Segment Drive Voltage
Peak-To-Peak Backplane Drive Voltage
V+ = to V- = 9V (Note 5)
4
5
6
V
NOTES:
3. Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
4. Unless otherwise noted, specifications apply to both the HI7106 and ICL7107 at TA = 25
oC, fCLOCK = 48kHz. HI7106 is tested in the
circuit of Figure 1.
5. Back plane drive is in phase with segment drive for ‘off’ segment, 180 degrees out of phase for ‘on’ segment. Frequency is 20 times
conversion rate. Average DC component is less than 50mV.
6. Not tested, guaranteed by design.
HI7106


Similar Part No. - HI7106_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106C INTERSIL-HI7106C Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CM44 INTERSIL-HI7106CM44 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106CPL INTERSIL-HI7106CPL Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106D INTERSIL-HI7106D Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results

Similar Description - HI7106_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
   31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com