Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM49LV128BMAH11NS Datasheet(PDF) 7 Page - SPANSION

Part # AM49LV128BMAH11NS
Description  128 Megabit (8 M x 16-Bit) MirrorBit??Uniform Sector Flash Memory and 32 Mbit (2 M x 16-Bit)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM49LV128BMAH11NS Datasheet(HTML) 7 Page - SPANSION

Back Button AM49LV128BMAH11NS Datasheet HTML 3Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 4Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 5Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 6Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 7Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 8Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 9Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 10Page - SPANSION AM49LV128BMAH11NS Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
June 17, 2004
Am49LV128BM
5
PRODUCT SELECTOR GUIDE
Notes:
1.
See “AC Characteristics” for full specifications.
MCP BLOCK DIAGRAM
Part Number
Am49LV128BM
Speed/
Voltage Option
Full Voltage Range
VCC = 2.7–3.1 V
Flash
pSRAM
15
11
15, 11
Max. Access Time (ns)
105
110
65
Max. CE# Access Time (ns)
105
110
65
Max. Page access time (tPACC)25
30
20
Max. OE# Access Time (ns)
25
30
20
VSS/VSSQ
VCCs/VCCQ
RESET#
WE#
CE#f
OE#
CE1#ps
RY/BY#
LB#ps
UB#ps
WP#/ACC
CE2ps
32 M Bit
pseudo
Static RAM
128 M Bit
Flash Memory
DQ15 to DQ0
DQ15 to DQ0
DQ15 to DQ0
A22 to A0
A22 to A0
A0 to A19
A20 to A0


Similar Part No. - AM49LV128BMAH11NS

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV4608MB10IS SPANSION-AM49LV4608MB10IS Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV4608MB10IT SPANSION-AM49LV4608MB10IT Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV4608MB11IS SPANSION-AM49LV4608MB11IS Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV4608MB11IT SPANSION-AM49LV4608MB11IT Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
More results

Similar Description - AM49LV128BMAH11NS

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV6402M AMD-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV6402M SPANSION-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com