Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC5549IM Datasheet(PDF) 8 Page - Intersil Corporation

Part # HC5549IM
Description  Low Power SLIC with Battery Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5549IM Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HC5549IM Datasheet HTML 4Page - Intersil Corporation HC5549IM Datasheet HTML 5Page - Intersil Corporation HC5549IM Datasheet HTML 6Page - Intersil Corporation HC5549IM Datasheet HTML 7Page - Intersil Corporation HC5549IM Datasheet HTML 8Page - Intersil Corporation HC5549IM Datasheet HTML 9Page - Intersil Corporation HC5549IM Datasheet HTML 10Page - Intersil Corporation HC5549IM Datasheet HTML 11Page - Intersil Corporation HC5549IM Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN4539.3
DC Loop Feed
The feedback mechanism for monitoring the DC portion of
the loop current is the loop detector. A low pass filter is used
in the feedback to block voice band signals from interfering
with the loop current limit function. The pole of the low pass
filter is set by the external capacitor CDC. The value of the
external capacitor should be 4.7
µF.
Most applications will operate the device from low battery
while off hook. The DC feed characteristic of the device will
drive Tip and Ring towards half battery to regulate the DC
loop current. For light loads, Tip will be near -4V and Ring
will be near VVBL + 4V. The following diagram shows the DC
feed characteristic.
The point on the y-axis labeled VTR(OC) is the open circuit
Tip to Ring voltage and is defined by the feed battery
voltage.
The curve of Figure 5 determines the actual loop current for
a given set of loop conditions. The loop conditions are
determined by the low battery voltage and the DC loop
impedance. The DC loop impedance is the sum of the
protection resistance, copper resistance (ohms/foot) and the
telephone off hook DC resistance.
The slope of the feed characteristic and the battery voltage
define the maximum loop current on the shortest possible
loop as the short circuit current ISC.
The term ILIM is the programmed current limit, 1760/RIL. The
line segment IA represents the constant current region of the
loop current limit function.
The maximum loop impedance for a programmed loop
current is defined as RKNEE.
When RKNEE is exceeded, the device will transition from
constant current feed to constant voltage, resistive feed. The
line segment IB represents the resistive feed portion of the
load characteristic.
Voice Transmission
The feedback mechanism for monitoring the AC portion of
the loop current consists of two amplifiers, the sense
amplifier (SA) and the transmit amplifier (TA). The AC
feedback signal is used for impedance synthesis. A detailed
model of the AC feed back loop is provided below.
The gain of the transmit amplifier, set by RS , determines the
programmed impedance of the device. The capacitor CFB
blocks the DC component of the loop current. The ground
symbols in the model represent AC grounds, not actual DC
potentials.
The sense amp output voltage, VSA, as a function of Tip and
Ring voltage and load is calculated using Equation 23.
The transmit amplifier provides the programmable gain
required for impedance synthesis. In addition, the output of
this amplifier interfaces to the CODEC transmit input. The
output voltage is calculated using Equation 24.
Once the impedance matching components have been
selected using the design equations, the above equations
provide additional insight as to the expected AC node
voltages for a specific Tip and Ring load.
FIGURE 4. DC FEED CHARACTERISTIC
m = (
∆VTR/∆IL) = 10kΩ
ILOOP (mA)
ILIM
VTR(OC)
VTR OC
()
VBL 8
=
(EQ. 18)
FIGURE 5. ILOOP VERSUS RLOOP LOAD CHARACTERISTIC
RLOOP (Ω)
RKNEE
ILIM
ISC
IA
IB
2RP
ISC
ILIM
VTR OC
() 2RPILIM
10e3
------------------------------------------------------
+
=
(EQ. 19)
IA ILIM
VTR OC
() RLOOPILIM
10e3
--------------------------------------------------------------
+
=
(EQ. 20)
RKNEE
VTR OC
()
ILIM
------------------------
=
(EQ. 21)
IB
VTR OC
()
RLOOP
------------------------
=
(EQ. 22)
FIGURE 6. AC SIGNAL TRANSMISSION MODEL
TIP
RING
+
-
-IN
VFB
VRX
VTX
R
R
R
R
+
-
+
-
1:1
20
20
0.75R
3R
3R
3R
3R
R/2
8K
RS
CFB
TA
VSA
VSA
VT VR
()
10
ZL
------
=
(EQ. 23)
VVTX
VSA
RS
8e3
----------


=
(EQ. 24)
HC5549


Similar Part No. - HC5549IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549IM INTERSIL-HC5549IM Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
HC5549IM INTERSIL-HC5549IM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549IM RENESAS-HC5549IM Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
More results

Similar Description - HC5549IM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5549CM INTERSIL-HC5549CM Datasheet
296Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Renesas Technology Corp
HC5549 RENESAS-HC5549 Datasheet
694Kb / 13P
   Low Power SLIC with Battery Switch
October 21, 2004
logo
Intersil Corporation
HC5549 INTERSIL-HC5549 Datasheet
87Kb / 13P
   Low Power SLIC with Battery Switch
January 1999
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L7556 AGERE-L7556 Datasheet
700Kb / 28P
   Low-Power SLICs with Battery Switch
L7585F AGERE-L7585F Datasheet
441Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7585G AGERE-L7585G Datasheet
446Kb / 22P
   Full-Feature,Low-Power SLIC and Switch
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Sipex Corporation
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com