Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50216 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP50216
Description  Four-Channel Programmable Digital DownConverter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP50216 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP50216_06 Datasheet HTML 1Page - Intersil Corporation HSP50216_06 Datasheet HTML 2Page - Intersil Corporation HSP50216_06 Datasheet HTML 3Page - Intersil Corporation HSP50216_06 Datasheet HTML 4Page - Intersil Corporation HSP50216_06 Datasheet HTML 5Page - Intersil Corporation HSP50216_06 Datasheet HTML 6Page - Intersil Corporation HSP50216_06 Datasheet HTML 7Page - Intersil Corporation HSP50216_06 Datasheet HTML 8Page - Intersil Corporation HSP50216_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
4
Pin Descriptions
NAME
TYPE
DESCRIPTION
POWER SUPPLY
VCC
-
Positive Power Supply Voltage, 3.3V
±0.15
GND
-
Ground, 0V.
INPUTS
A(15:0)
I
Parallel Data Input bus A. Sampled on the rising edge of clock when ENIA is active (low).
B(15:0)
I
Parallel Data Input bus B. Sampled on the rising edge of clock when ENIB is active (low).
C(15:0)
I
Parallel Data Input bus C. Sampled on the rising edge of clock when ENIC is active (low).
D15
I
Parallel Data Input D15 or tuner channel A COF.
D14
I
Parallel Data Input D14 or tuner channel A COFSync.
D13
I
Parallel Data Input D13 or tuner channel A SOF.
D12
I
Parallel Data Input D12 or tuner channel A SOFSync.
D11
I
Parallel Data Input D11 or tuner channel B COF.
D10
I
Parallel Data Input D10 or tuner channel B COFSync.
D9
I
Parallel Data Input D9 or tuner channel B SOF.
D8
I
Parallel Data Input D8 or tuner channel B SOFSync.
D7
I
Parallel Data Input D7 or tuner channel C COF.
D6
I
Parallel Data Input D6 or tuner channel C COFSync.
D5
I
Parallel Data Input D5 or tuner channel C SOF.
D4
I
Parallel Data Input D4 or tuner channel C SOFSync.
D3
I
Parallel Data Input D3 or tuner channel D COF.
D2
I
Parallel Data Input D2 or tuner channel D COFSync.
D1
I
Parallel Data Input D1 or tuner channel D SOF.
D0
I
Parallel Data Input D0 or tuner channel D SOFSync.
ENIA
I
Input enable for Parallel Data Input bus A. Active low. This pin enables the input to the part in one of two
modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
ENIB
I
Input enable for Parallel Data Input bus B. Active low. This pin enables the input to the part in one of two
modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
ENIC
I
Input enable for Parallel Data Input bus C. Active low. This pin enables the input to the part in one of two
modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
ENID
I
Input enable for Parallel Data Input bus D. Active low. This pin enables the input to the part in one of two
modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
CONTROL
CLK
I
Input clock. All processing in the HSP50216 occurs on the rising edge of CLK.
SYNCI
I
Synchronization Input Signal. Used to align the processing with an external event or with other HSP50216
devices. SYNCI can update the carrier NCO, reset decimation counters, restart the filter compute engine,
and restart the output section among other functions. For most of the functional blocks, the response to
SYNCI is programmable and can be enabled or disabled.
SYNCO
O
Synchronization Output Signal. The processing of multiple HSP50216 devices can be synchronized by
tying the SYNCO from one HSP50216 device (the master) to the SYNCI of all the HSP50216 devices (the
master and slaves).
RESET
I
Reset Signal. Active low. Asserting reset will halt all processing and set certain registers to default values.
HSP50216


Similar Part No. - HSP50216_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
More results

Similar Description - HSP50216_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com