Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX0912B100Y Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MX0912B100Y
Description  NPN microwave power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MX0912B100Y Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MX0912B100Y Datasheet HTML 2Page - NXP Semiconductors MX0912B100Y Datasheet HTML 3Page - NXP Semiconductors MX0912B100Y Datasheet HTML 4Page - NXP Semiconductors MX0912B100Y Datasheet HTML 5Page - NXP Semiconductors MX0912B100Y Datasheet HTML 6Page - NXP Semiconductors MX0912B100Y Datasheet HTML 7Page - NXP Semiconductors MX0912B100Y Datasheet HTML 8Page - NXP Semiconductors MX0912B100Y Datasheet HTML 9Page - NXP Semiconductors MX0912B100Y Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Feb 20
6
Philips Semiconductors
Product specification
NPN microwave power transistors
MX0912B100Y; MZ0912B100Y
List of components
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
L1
0.65 mm diameter copper wire
total length = 12 mm;
height of loop = 12 mm
L2
4 turns 0.65 mm diameter
copper wire
int. dia. 3 mm; L = 5 mm
C1
capacitor
100 pF
ATC, ref. 100A101KP50X
C2
tantalum capacitor
10
µF; 50 V
−−
C3
electrolytic capacitor
470
µF; 63 V −−
C4
feedthrough bypass capacitor
−−
Erie, ref. 1250-003
C5, C6
variable gigatrim capacitor
0.6 to 4.5 pF
Tekelec, ref. 727.1
Fig.6 Pulse definition.
handbook, full pagewidth
MGK066
300
µs
1
µs
1
µs
3 ms


Similar Part No. - MX0912B100Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MX0912B251Y PHILIPS-MX0912B251Y Datasheet
92Kb / 12P
   NPN microwave power transistor
1997 Feb 19
MX0912B351Y PHILIPS-MX0912B351Y Datasheet
92Kb / 12P
   NPN microwave power transistor
1997 Feb 19
MX0912B351Y114 PHILIPS-MX0912B351Y114 Datasheet
82Kb / 12P
   NPN microwave power transistor
1997 Feb 19
More results

Similar Description - MX0912B100Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
PTB23001X PHILIPS-PTB23001X Datasheet
99Kb / 12P
   NPN microwave power transistors
1997 Feb 19
PZ1418B30U PHILIPS-PZ1418B30U Datasheet
131Kb / 16P
   NPN microwave power transistors
1997 Feb 19
LBE2003S PHILIPS-LBE2003S Datasheet
126Kb / 16P
   NPN microwave power transistors
1997 Mar 03
RX1214B80W PHILIPS-RX1214B80W Datasheet
87Kb / 12P
   NPN microwave power transistors
1997 Feb 14
logo
Tyco Electronics
MRF1004MB MACOM-MRF1004MB Datasheet
101Kb / 5P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
M/A-COM Technology Solu...
MAPRST0912-50 MA-COM-MAPRST0912-50_13 Datasheet
165Kb / 4P
   NPN Silicon Microwave Power Transistors
logo
Tyco Electronics
MRF1000MB MACOM-MRF1000MB Datasheet
104Kb / 4P
   MICROWAVE POWER TRANSISTORS NPN SILICON
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com