Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX0912B251Y Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MX0912B251Y
Description  NPN microwave power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MX0912B251Y Datasheet(HTML) 2 Page - NXP Semiconductors

  MX0912B251Y Datasheet HTML 1Page - NXP Semiconductors MX0912B251Y Datasheet HTML 2Page - NXP Semiconductors MX0912B251Y Datasheet HTML 3Page - NXP Semiconductors MX0912B251Y Datasheet HTML 4Page - NXP Semiconductors MX0912B251Y Datasheet HTML 5Page - NXP Semiconductors MX0912B251Y Datasheet HTML 6Page - NXP Semiconductors MX0912B251Y Datasheet HTML 7Page - NXP Semiconductors MX0912B251Y Datasheet HTML 8Page - NXP Semiconductors MX0912B251Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Feb 19
2
Philips Semiconductors
Product specification
NPN microwave power transistor
MX0912B251Y
FEATURES
• Interdigitated structure; high emitter efficiency
• Diffused emitter ballasting resistors providing excellent
current sharing and withstanding a high VSWR
• Gold metallization realizes very stable characteristics
and excellent lifetime
• Multicell geometry gives good balance of dissipated
power and low thermal resistance
• Input and output matching cell allows an easier design
of circuits.
APPLICATIONS
Intended for use in common base class C broadband
pulse power amplifier from 960 to 1215 MHz for TACAN
application.
DESCRIPTION
NPN silicon planar epitaxial microwave power transistor in
a SOT439A metal ceramic flange package, with base
connected to flange. It is mounted in common base
configuration, and specified in class C.
PINNING - SOT439A
PIN
DESCRIPTION
1
collector
2
emitter
3
base connected to flange
Fig.1 Simplified outline and symbol.
olumns
e
c
b
MAM045
1
2
Top view
3
3
QUICK REFERENCE DATA
Microwave performance up to Tmb =25 °C in a common base class C broadband amplifier.
MODE OF
OPERATION
f
(GHz)
VCC
(V)
PL
(W)
Gpo
(dB)
ηC
(%)
Zi/ZL
(
Ω)
Class C
tp =10 µs; δ = 10%
0.960 to 1.215
50
>235
>7
>42
see Figs 7 and 8
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO slab is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.


Similar Part No. - MX0912B251Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MX0912B100Y PHILIPS-MX0912B100Y Datasheet
98Kb / 12P
   NPN microwave power transistors
1997 Feb 20
MX0912B351Y PHILIPS-MX0912B351Y Datasheet
92Kb / 12P
   NPN microwave power transistor
1997 Feb 19
MX0912B351Y114 PHILIPS-MX0912B351Y114 Datasheet
82Kb / 12P
   NPN microwave power transistor
1997 Feb 19
More results

Similar Description - MX0912B251Y

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
PZB16035U PHILIPS-PZB16035U Datasheet
67Kb / 12P
   NPN microwave power transistor
1997 Feb 18
RZ1214B35Y PHILIPS-RZ1214B35Y Datasheet
69Kb / 8P
   NPN microwave power transistor
1997 Feb 18
MX1011B700Y PHILIPS-MX1011B700Y Datasheet
91Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
   NPN microwave power transistor
1997 Feb 18
LWE2010S PHILIPS-LWE2010S Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
PVB42004X PHILIPS-PVB42004X Datasheet
64Kb / 8P
   NPN microwave power transistor
1997 Feb 19
PXB16050U PHILIPS-PXB16050U Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LXE18300X PHILIPS-LXE18300X Datasheet
51Kb / 8P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com