Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F080A-90PTR Datasheet(PDF) 11 Page - SPANSION

Part # MBM29F080A-90PTR
Description  FLASH MEMORY CMOS 8M (1M x 8) BIT
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F080A-90PTR Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29F080A-90PTR Datasheet HTML 7Page - SPANSION MBM29F080A-90PTR Datasheet HTML 8Page - SPANSION MBM29F080A-90PTR Datasheet HTML 9Page - SPANSION MBM29F080A-90PTR Datasheet HTML 10Page - SPANSION MBM29F080A-90PTR Datasheet HTML 11Page - SPANSION MBM29F080A-90PTR Datasheet HTML 12Page - SPANSION MBM29F080A-90PTR Datasheet HTML 13Page - SPANSION MBM29F080A-90PTR Datasheet HTML 14Page - SPANSION MBM29F080A-90PTR Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
MBM29F080A-55/-70/-90
10
• Thirty two 64 K byte sectors
• 8 sector groups each of which consists of 2
adjacent sectors in the following pattern;
sectors 0-1, 2-3, 4-5, 6-7, 8-9, 10-11, 12-13,
and 14-15
• Individual-sector or multiple-sector erase
capability
• Sector group protection is user-definable
0FFFFFh
0EFFFFh
0DFFFFh
0CFFFFh
0BFFFFh
0AFFFFh
09FFFFh
08FFFFh
07FFFFh
06FFFFh
05FFFFh
04FFFFh
03FFFFh
02FFFFh
01FFFFh
00FFFFh
000000h
SA15
SA14
Sector
Group 7
Sector
Group 0
64 K byte
64 K byte
16 Sectors Total
64 K byte
64 K byte
SA1
SA0


Similar Part No. - MBM29F080A-90PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F080A-90 FUJITSU-MBM29F080A-90 Datasheet
564Kb / 47P
   8M (1M X 8) BIT
More results

Similar Description - MBM29F080A-90PTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
   8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
   8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
logo
Sharp Corporation
LHF80V03 SHARP-LHF80V03 Datasheet
1Mb / 43P
   Flash Memory 8M (1M x 8/512K x 160
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com