Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5630 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5630
Description  Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5630 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5630_03 Datasheet HTML 2Page - Intersil Corporation HI5630_03 Datasheet HTML 3Page - Intersil Corporation HI5630_03 Datasheet HTML 4Page - Intersil Corporation HI5630_03 Datasheet HTML 5Page - Intersil Corporation HI5630_03 Datasheet HTML 6Page - Intersil Corporation HI5630_03 Datasheet HTML 7Page - Intersil Corporation HI5630_03 Datasheet HTML 8Page - Intersil Corporation HI5630_03 Datasheet HTML 9Page - Intersil Corporation HI5630_03 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Over-Voltage Recovery
0.2V Overdrive
-
1
-
Cycle
Effective Number of Bits, ENOB
fIN = 1MHz (Figure 11)
-
7.6
-
Bits
Signal to Noise and Distortion Ratio, SINAD
fIN = 1MHz
-
47.8
-
dB
Signal to Noise Ratio, SNR
fIN = 1MHz (Figure 12)
-
47.9
-
dB
Total Harmonic Distortion, THD
fIN = 1MHz
-
- 63
-
dB
Spurious Free Dynamic Range, SFDR
fIN = 1MHz (Figure 13)
-
- 64
-
dB
Channel Crosstalk
-
75
-
dB
SAMPLING CLOCK INPUT Note 3
Input Logic High Voltage, VIH
Figure 10
-
4
-
V
Input Logic Low Voltage, VIL
Figure 10
-
0.4
-
V
Input Logic High Current, IIH
VIH = 4.5V
-10.0
-
+10.0
µA
Input Logic Low Current, IIL
VIL = 0V
-10.0
-
+10.0
µA
Input Capacitance, CIN
-
7
-
pF
CLOCK OUTPUT CL = 10pF (Note 3)
Output Logic High Voltage, VOH
IOH = 100µA
4.0
-
-
V
Output Logic Low Voltage, VOL
IOL = 100µA
-
-
0.8
V
Output Capacitance, CCOUT
-
7
-
pF
DIGITAL OUTPUTS CL = 10pF (Note 3)
Output Logic High Voltage, VOH
IOH = 100µA; DVDD = 5V
4.0
-
-
V
Output Logic Low Voltage, VOL
IOL = 100µA; DVDD = 5V
-
-
0.8
V
Output Capacitance, CDOUT
-
7
-
pF
TIMING CHARACTERISTICS
Data Latency, tLAT
For a Valid Sample
-
5
-
Cycles
Power-Up Initialization
Data Invalid Time
-
-
20
Cycles
Sample Clock Pulse Width (Low)
-
-
-
ns
Sample Clock Pulse Width (High)
-
-
-
ns
Sample Clock Duty Cycle Variation
Figure 9
-
±5
-
%
POWER SUPPLY CHARACTERISTICS
Analog Supply Voltage, AVDD
4.75
5.0
5.25
V
Digital Supply Voltage, DVDD
4.75
5.0
5.25
V
Supply Current, ITOTAL
-
348
-
mA
Analog Current, IAVDD
-
235
265
mA
Digital5 Current, IDVDD
-
113
-
mA
Power Dissipation
-
1.74
-
W
Standby Current
-
8
-
mA
Standby Power
-
40
-
mW
Offset Error PSRR,
∆V
OS
AVDD or DVDD = 5V ±5%
-
±0.4
-
LSB
Gain Error PSRR,
∆FSE
AVDD or DVDD = 5V ±5%
-
±0.15
-
LSB
NOTES:
2. Parameter guaranteed by design or characterization and not production tested.
3. With the clock low and DC input.
Electrical Specifications
AVDD = 5V, DVDD = 5V; Single Ended Inputs, VRIN = 2.5V; fS = 80MSPS at 50% Duty Cycle; CL = 10pF;
TA = 25
oC; Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HI5630


Similar Part No. - HI5630_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630CN INTERSIL-HI5630CN Datasheet
125Kb / 14P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
October 1999
HI5630EVAL INTERSIL-HI5630EVAL Datasheet
125Kb / 14P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
October 1999
More results

Similar Description - HI5630_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630 INTERSIL-HI5630 Datasheet
125Kb / 14P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
October 1999
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
   3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com