Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5630EVAL1 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI5630EVAL1
Description  Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5630EVAL1 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI5630EVAL1 Datasheet HTML 3Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 4Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 5Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 6Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 7Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 8Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 9Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 10Page - Intersil Corporation HI5630EVAL1 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Timing Waveforms
NOTES:
4. SN: N-th sampling period.
5. HN: N-th holding period.
6. BM, N: M-th stage digital output corresponding to N-th sampled input.
7. DN: Final data output corresponding to N-th sampled input.
FIGURE 1. HI5630 INTERNAL CIRCUIT TIMING
FIGURE 2. HI5630 INPUT-TO OUTPUT TIMING
DN - 4
DN - 3
DN - 1
DN
DN + 1
DN + 2
ANALOG
INPUT
CLOCK
INPUT
INPUT
S/H
1ST
STAGE
2ND
STAGE
6TH
STAGE
DATA
OUTPUT
SN - 1
HN - 1
SN
HN
SN + 1 HN + 1 SN + 2
SN + 5 HN + 5 SN + 6 HN + 6 SN + 7 HN + 7 SN + 8 HN + 8
B1, N - 1
B1, N
B1, N + 1
B1, N + 4
B1, N + 5
B1, N + 6
B1, N + 7
B2, N - 2
B2, N - 1
B2, N
B2, N + 4
B2, N + 5
B2, N + 6
B9, N - 5
B9, N - 4
B9, N
B9, N + 1
B9, N + 2
B9, N + 3
tLAT
tOD
tH
DATA N-1
DATA N
CLOCK
INPUT
DATA
OUTPUT
1.5V
tAP
ANALOG
INPUT
tAJ
1.5V
2.4V
0.5V
HI5630


Similar Part No. - HI5630EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630EVAL INTERSIL-HI5630EVAL Datasheet
125Kb / 14P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
October 1999
More results

Similar Description - HI5630EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5630 INTERSIL-HI5630 Datasheet
125Kb / 14P
   Triple 8-Bit, 80MSPS A/D Converter with Internal Voltage Reference
October 1999
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI3300 INTERSIL-HI3300 Datasheet
174Kb / 16P
   3V 10-Bit, 20MSPS A/D Converter with Internal Voltage Reference
March 2000
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com