Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A400DB12VC Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # A400DB12VC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

A400DB12VC Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button A400DB12VC Datasheet HTML 3Page - Advanced Micro Devices A400DB12VC Datasheet HTML 4Page - Advanced Micro Devices A400DB12VC Datasheet HTML 5Page - Advanced Micro Devices A400DB12VC Datasheet HTML 6Page - Advanced Micro Devices A400DB12VC Datasheet HTML 7Page - Advanced Micro Devices A400DB12VC Datasheet HTML 8Page - Advanced Micro Devices A400DB12VC Datasheet HTML 9Page - Advanced Micro Devices A400DB12VC Datasheet HTML 10Page - Advanced Micro Devices A400DB12VC Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
April 13, 2005 Rev. A Amend. +1
Am29SL400D
5
ADV ANCE
I N FO RMAT I O N
CONNECTION DIAGRAM
Special Handling Instructions for FBGA
Packages
Special handling is required for Flash Memory products
in molded packages (TSOP, BGA, PLCC, PDIP,
SSOP). The package and/or data integrity may be
compromised if the package body is exposed to tem-
peratures about 150
°C for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
NC
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
NC
NC
NC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
(Top View, Balls Facing Down)


Similar Part No. - A400DB12VC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
A400 LITTELFUSE-A400 Datasheet
129Kb / 2P
   GAS DISCHARGE TUBE - 5x7.6mm
logo
Kingston Technology Far...
A400 KINGSTON-A400 Datasheet
199Kb / 2P
   Incredible speeds plus rock-solid reliability
logo
AiT Semiconductor Inc.
A4001 AITSEMI-A4001 Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4001E6R AITSEMI-A4001E6R Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
A4001E6VR AITSEMI-A4001E6VR Datasheet
860Kb / 10P
   BATTERY MANAGEMENT ONE CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
REV2.0
More results

Similar Description - A400DB12VC

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400C AMD-AM29SL400C Datasheet
846Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29SL800D AMD-AM29SL800D Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com