Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F010B-90EE Datasheet(PDF) 8 Page - SPANSION

Part # AM29F010B-90EE
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F010B-90EE Datasheet(HTML) 8 Page - SPANSION

Back Button AM29F010B-90EE Datasheet HTML 4Page - SPANSION AM29F010B-90EE Datasheet HTML 5Page - SPANSION AM29F010B-90EE Datasheet HTML 6Page - SPANSION AM29F010B-90EE Datasheet HTML 7Page - SPANSION AM29F010B-90EE Datasheet HTML 8Page - SPANSION AM29F010B-90EE Datasheet HTML 9Page - SPANSION AM29F010B-90EE Datasheet HTML 10Page - SPANSION AM29F010B-90EE Datasheet HTML 11Page - SPANSION AM29F010B-90EE Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
6
Am29F010B
Am29F010B_00_C7 October 31, 2006
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F010B
70
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
I
=
Industrial (–40°C to +85°C)
E
=
Extended (–55°C to +125°C)
D
=
Commerical (0°C to +70°C) with Pb-free Package
F
=
Industrial (-40°C to +85°C) with Pb-free Package
K
=
Extended (-55°C to +125°C) with Pb-free Package
PACKAGE TYPE
P
=
32-Pin Plastic PDIP (PD 032)
J
=
32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032)
E
=
32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29F010B
1 Megabit (128 K x 8-Bit) CMOS Flash Memory
5.0 Volt-only Read, Program, and Erase
Valid Combinations
VCC Voltage
Am29F010B-45
PC, PI, PE
JC, JI, JE,
EC, EI, EE,
ED, EF, EK
PD, PF, PK
JD, JF, JK
5.0 V ± 5%
Am29F010B-55
5.0 V ± 10%
Am29F010B-70
Am29F010B-90
Am29F010B-120
PC, PI, PE
JC, JI, JE,
EC, EI, EE,
ED, EF, EK
PD, PF, PK
JD, JF, JK


Similar Part No. - AM29F010B-90EE

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F010B-70PC AMD-AM29F010B-70PC Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - AM29F010B-90EE

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29F010B SPANSION-AM29F010B Datasheet
849Kb / 35P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F010 AMD-AM29F010 Datasheet
370Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F010A AMD-AM29F010A Datasheet
389Kb / 31P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F010B FORCE-FT29F010B Datasheet
2Mb / 30P
   1 Megabit (128 K x 8-bit) Uniform Sector Flash Memory CMOS 5.0 Volt-only
logo
Advanced Micro Devices
AMD29F010B AMD-AMD29F010B Datasheet
779Kb / 34P
   1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com