Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1305 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA1305
Description  Triple, 560MHz, Low Power, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1305 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA1305_04 Datasheet HTML 1Page - Intersil Corporation HFA1305_04 Datasheet HTML 2Page - Intersil Corporation HFA1305_04 Datasheet HTML 3Page - Intersil Corporation HFA1305_04 Datasheet HTML 4Page - Intersil Corporation HFA1305_04 Datasheet HTML 5Page - Intersil Corporation HFA1305_04 Datasheet HTML 6Page - Intersil Corporation HFA1305_04 Datasheet HTML 7Page - Intersil Corporation HFA1305_04 Datasheet HTML 8Page - Intersil Corporation HFA1305_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Second Harmonic Distortion
(VOUT = 2VP-P, Note 5)
10MHz
B
25
-
-51
-
dBc
20MHz
B
25
-
-46
-
dBc
Third Harmonic Distortion
(VOUT = 2VP-P, Note 5)
10MHz
B
25
-
-63
-
dBc
20MHz
B
25
-
-56
-
dBc
TRANSIENT CHARACTERISTICS AV = +2 (Note 3), Unless Otherwise Specified
Rise and Fall Times
(VOUT = 0.5VP-P, Note 3)
AV = +1
B
25
-
1.0
-
ns
AV = -1
B
25
-
-
-
ns
AV = +2
B
25
-
0.8
-
ns
Overshoot
(VOUT = 0.5VP-P, VIN tRISE = 1ns, Notes 3,
6)
AV = +1, +OS
B
25
-
5
-
%
AV = +1, -OS
B
25
-
11
-
%
AV = -1, +OS
B
25
-
7
-
%
AV = -1, -OS
B
25
-
8
-
%
AV = +2, +OS
B
25
-
5
-
%
AV = +2, -OS
B
25
-
10
-
%
Slew Rate
(VOUT = 5VP-P at AV = +2, -1,
VOUT = 4VP-P, at AV = +1,
Notes 3, 5)
AV = +1, +SR
B
25
-
1230
-
V/
µs
AV = +1, -SR
B
25
-
1350
-
V/
µs
AV = -1, +SR
B
25
-
2500
-
V/
µs
AV = -1, -SR
B
25
-
1900
-
V/
µs
AV = +2, +SR
B
25
-
1700
-
V/
µs
AV = +2, -SR
B
25
-
1700
-
V/
µs
Settling Time
(VOUT = +2V to 0V Step, Note 5)
To 0.1%
B
25
-
23
-
ns
To 0.05%
B
25
-
30
-
ns
To 0.025%
B
25
-
37
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
8.5
-
ns
VIDEO CHARACTERISTICS
AV = +2 (Note 3), Unless Otherwise Specified
Differential Gain
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
-
%
RL = 75Ω
B
25
-
0.03
-
%
Differential Phase
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
Degrees
RL = 75Ω
B
25
-
0.06
-
Degrees
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 5)
A
25
-
5.8
6.1
mA/Op Amp
A
Full
-
5.9
6.3
mA/Op Amp
NOTES:
3. The optimum feedback resistor depends on closed loop gain. See the “Optimum Feedback Resistor” table in the Application Information section
for details.
4. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
5. See Typical Performance Curves for more information.
6. Undershoot dominates for output signal swings below GND (e.g., 2VP-P), yielding a higher overshoot limit compared to the VOUT = 0V to 2V
condition. See the “Application Information” section for details.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 4)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1305


Similar Part No. - HFA1305_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305IB INTERSIL-HFA1305IB Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305IB RENESAS-HFA1305IB Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
More results

Similar Description - HFA1305_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com