Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1305 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HFA1305
Description  Triple, 560MHz, Low Power, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1305 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA1305_04 Datasheet HTML 2Page - Intersil Corporation HFA1305_04 Datasheet HTML 3Page - Intersil Corporation HFA1305_04 Datasheet HTML 4Page - Intersil Corporation HFA1305_04 Datasheet HTML 5Page - Intersil Corporation HFA1305_04 Datasheet HTML 6Page - Intersil Corporation HFA1305_04 Datasheet HTML 7Page - Intersil Corporation HFA1305_04 Datasheet HTML 8Page - Intersil Corporation HFA1305_04 Datasheet HTML 9Page - Intersil Corporation HFA1305_04 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Evaluation Board
The performance of the HFA1305IB (SOIC) may be
evaluated using the HA5025 Evaluation Board and a SOIC
to DIP adaptor like the Aries Electronics Part Number
14-350000-10.
The schematic for the SOIC amplifier 1 and the
HA5025EVAL board layout are shown in Figure 2 and
Figure 3. Resistors RF, RG, and +RS may require a change
to values applicable to the HFA1305IB.
To order evaluation board (part number HA5025EVAL),
please contact your local sales office.
0
100
200
300
400
0
10
20
30
40
50
LOAD CAPACITANCE (pF)
150
250
350
50
AV = +2
FIGURE 1. RECOMMENDED SERIES OUTPUT RESISTOR vs
LOAD CAPACITANCE
+5V
10
µF0.1µF
GND
GND
-5V
0.1
µF10µF
50
IN
OUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
-
+
RF
RG
FIGURE 2. EVALUATION BOARD SCHEMATIC FOR SOIC
50
+RS
TOP LAYOUT
BOTTOM LAYOUT
FIGURE 3. EVALUATION BOARD LAYOUT FOR SOIC
HFA1305


Similar Part No. - HFA1305_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305IB INTERSIL-HFA1305IB Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305IB RENESAS-HFA1305IB Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
More results

Similar Description - HFA1305_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Analog Devices
AD813 AD-AD813_15 Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com