Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6020A Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6020A
Description  Advanced Dual PWM and Dual Linear Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6020A_01 Datasheet HTML 6Page - Intersil Corporation HIP6020A_01 Datasheet HTML 7Page - Intersil Corporation HIP6020A_01 Datasheet HTML 8Page - Intersil Corporation HIP6020A_01 Datasheet HTML 9Page - Intersil Corporation HIP6020A_01 Datasheet HTML 10Page - Intersil Corporation HIP6020A_01 Datasheet HTML 11Page - Intersil Corporation HIP6020A_01 Datasheet HTML 12Page - Intersil Corporation HIP6020A_01 Datasheet HTML 13Page - Intersil Corporation HIP6020A_01 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
OUT2 Voltage Selection
The AGP regulator output voltage is internally set to 1.5V or
continuously on, based on the status of the SELECT pin.
SELECT pin is internally pulled ‘high’, such that left open,
the standard buck MOSFET will be continuously on, VOUT2
being equal to the input voltage (3.3V) less any voltage drop
across the MOSFET’s rDS(ON) and output inductor’s DCR.
The other setting available is 1.5V, which can be obtained by
grounding the SELECT pin using a jumper or another
suitable method capable of sinking a few tens of
microamperes. The status of the SELECT pin cannot be
changed during operation of the IC without possibly causing
a fault condition.
Application Guidelines
Soft-Start Interval
Initially, the soft-start function clamps the error amplifier’s output
of the PWM converters. This generates PHASE pulses of
increasing width that charge the output capacitor(s). After the
output voltage increases to approximately 70% of the set value,
the reference input of the error amplifier is clamped to a voltage
proportional to the SS pin voltage. The resulting output voltages
start-up as shown in Figure 3.
The soft-start function controls the output voltage rate of rise
to limit the current surge at start-up. The soft-start interval
and the surge current are programmed by the soft-start
capacitor, CSS. Programming a faster soft-start interval
increases the peak surge current. The peak surge current
occurs during the initial output voltage rise to 70% of the set
value. Using the recommended 0.1
µF soft start capacitor
insures all output voltages ramp up to their set values within
10ms of the input voltages reaching POR levels.
Shutdown
Neither PWM output switches until the soft-start voltage
(VSS) exceeds the oscillator’s valley voltage. Additionally,
the reference on each linear’s amplifier is clamped to the
soft-start voltage. Holding the SS pin low (with an open drain
or open collector signal) turns off all four regulators.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. The voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device over-voltage stress. Careful component
layout and printed circuit design minimizes the voltage
spikes in the converter. Consider, as an example, the turn-off
transition of the upper MOSFET. Prior to turn-off, the upper
MOSFET was carrying the full load current. During the turn-
off, current stops flowing in the upper MOSFET and is picked
up by the lower MOSFET or Schottky diode. Any inductance
in the switched current path generates a large voltage spike
during the switching interval. Careful component selection,
tight layout of the critical components, and short, wide circuit
traces minimize the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC
converter using a HIP6020A controller. The switching power
components are the most critical because they switch large
amounts of energy, and as such, they tend to generate
equally large amounts of noise. The critical small signal
components are those connected to sensitive nodes or
those supplying critical bypass current.
The power components and the controller IC should be
placed first. Locate the input capacitors, especially the high-
frequency ceramic de-coupling capacitors, close to the
power switches. Locate the output inductor and output
capacitors between the MOSFETs and the load. Locate the
PWM controller close to the MOSFETs.
The critical small signal components include the bypass
capacitor for VCC and the soft-start capacitor, CSS. Locate
these components close to their connecting pins on the
control IC. Minimize any leakage current paths from SS
node, since the internal current source is only 28
µA.
A multi-layer printed circuit board is recommended. Figure 7
shows the connections of the critical components in the
converter. Note that the capacitors CIN and COUT each
could represent numerous physical capacitors. Dedicate one
solid layer for a ground plane and make all critical
component ground connections with vias to this layer.
Dedicate another solid layer as a power plane and break this
plane into smaller islands of common voltage levels. The
power plane should support the input power and output
power nodes. Use copper filled polygons on the top and
bottom circuit layers for the PHASE nodes, but do not
unnecessarily oversize these particular islands. Since the
PHASE nodes are subjected to very high dV/dt voltages, the
stray capacitor formed between these islands and the
surrounding circuitry will tend to couple switching noise. Use
the remaining printed circuit layers for small signal wiring.
The wiring traces from the control IC to the MOSFET gate
and source should be sized to carry 2A peak currents.
HIP6020A


Similar Part No. - HIP6020A_01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020ACB INTERSIL-HIP6020ACB Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020ACB RENESAS-HIP6020ACB Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results

Similar Description - HIP6020A_01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
   Advanced Dual PWM and Dual Linear Power Controller
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
   ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
   1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
   Advanced PWM and Dual Fixed Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com