Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74OL6000 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74OL6000
Description  OPTOPLANAR HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74OL6000 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74OL6000 Datasheet HTML 2Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 3Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 4Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 5Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 6Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 7Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 8Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 9Page - Fairchild Semiconductor 74OL6000 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
9/6/05
Page 6 of 15
© 2005 Fairchild Semiconductor Corporation
TTL BUFFER
74OL6000
TTL INVERTER
74OL6001
CMOS BUFFER
74OL6010
CMOS INVERTER
74OL6011
LSTTL TO
OPTOPLANAR® HIGH-SPEED
LOGIC-TO-LOGIC OPTOCOUPLERS
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Device
Value
Units
TOTAL DEVICE
Storage Temperature
TSTG
All
-55 to +125
°C
Operating Temperature
TOPR
All
0 to +70
°C
Lead Solder Temperature
TSOL
All
260 for 10 sec
°C
Power Dissipation
PD
All
350
mW
EMITTER
Input Supply Voltage
VCCI
All
7
V
Input Voltage
VIN
All
7
V
DETECTOR
Average Output Current
IO (avg)
All
40
mA
Output Supply Voltage
VCCO
74OL6000/01
7
V
74OL6010/11
18
Output Voltage
VO
74OL6000/01
7
V
74OL6010/11
18
ELECTRICAL CHARACERISTICS (TA = 0°C to 70°C Unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Fig.
Notes
74OL6000/01/10/11
Common Mode Transient Immunity at
Logic High Level Output
CMH
5000
15000
V/µS
VCCI = 5 V, VCCO = 5 V,
VCM = 50 Vp-p
16, 19
Common Mode Transient Immunity at
Logic Low Level Output
CML
-5000
-15000
V/µS
16, 19
Common Mode Coupling Capacitance
CCM
0.005
pF
Capacitance (input-output)
CI-O
0.7
pF
VI-O = 0, f = 1 MHz
2
Withstand Insulation Test Voltage
VISO
5300
VRMS
TA = 25°C,
t = 1 min, II-O ≤ 1mA
2
Insulation Resistance
RISO
1011
VI-O = 500 VDC
2


Similar Part No. - 74OL6000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
More results

Similar Description - 74OL6000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
H11N1 FAIRCHILD-H11N1 Datasheet
523Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
H11N1M FAIRCHILD-H11N1M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com