Part Name
         Description
74VCX16500_04

 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs ( 10 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 6 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 9)
Note 9: For CL = 50pF, add approximately 300ps to the AC maximum specification.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA = − 40°C to +85°C
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL = 30 pF, RL = 500Ω
3.3
± 0.3
250
MHz
2.5
± 0.2
200
1.8
± 0.15
100
CL = 15 pF, RL = 500Ω
1.5
± 0.1
80.0
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
2.9
ns
Figures
1, 2
tPLH
Bus-to-Bus
2.5
± 0.2
0.8
3.5
1.8
± 0.15
1.5
7.0
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
14.0
Figures
5, 6
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
4.2
ns
Figures
1, 2
tPLH
Clock-to-Bus
2.5
± 0.2
0.8
5.3
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.8
ns
Figures
1, 2
tPLH
LE-to-Bus
2.5
± 0.2
0.8
4.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.8
ns
Figures
1, 3, 4
tPZH
2.5
± 0.2
0.8
4.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
19.6
Figures
7, 9, 10
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.7
ns
Figures
1, 3, 4
tPHZ
2.5
± 0.2
0.8
4.2
1.8
± 0.15
1.5
7.6
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
15.2
Figures
7, 9, 10
tS
Setup Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.5
ns
Figure 6
2.5
± 0.2
1.5
1.8
± 0.15
2.5
CL = 15 pF, RL = 500Ω
1.5
± 0.1
3.0
tH
Hold Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.0
ns
Figure 6
2.5
± 0.2
1.0
1.8
± 0.15
1.0
CL = 15 pF, RL = 500Ω
1.5
± 0.1
2.0
tW
Pulse Width
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.5
ns
Figure 5
2.5
± 0.2
1.5
1.8
± 0.15
4.0
CL = 15 pF, RL = 500Ω
1.5
± 0.1
4.0
tOSHL
Output to Output Skew
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.5
ns
tOSLH
(Note 10)
2.5
± 0.2
0.5
1.8
± 0.15
0.75
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.5
1  2  3  4  5  6  7  8  9  10 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VCXF16283_0011Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVCF322835_04Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26ohm Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX32Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC2245_05Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC16245_05Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16240_05Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX16827_02Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreInternational Rectifier
74VCX16722_05Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl