Electronic Components Datasheet Search |
|
74VCX38MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor |
|
74VCX38MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor |
3 / 10 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 2) Recommended Operating Conditions (Note 4) Note 2: The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Rat- ings. The “Recommended Operating Conditions” table will define the condi- tions for actual device operation. Note 3: IO Absolute Maximum Rating must be observed. Note 4: Floating or unused inputs must be held HIGH or LOW DC Electrical Characteristics Supply Voltage (VCC) 0.5V to 4.6V DC Input Voltage (VI) 0.5V to 4.6V Output Voltage (VO) (Note 3) 0.5V to 4.6V DC Input Diode Current (IIK) VI 0V 50 mA DC Output Diode Current (IOK) VO 0V 50 mA DC Output Source/Sink Current (IOL) 50 mA DC VCC or Ground Current per r100 mA Supply Pin (ICC or Ground) Storage Temperature Range (Tstg) 65qC to 150qC Power Supply Operating 1.2V to 3.6V Input Voltage 0.3V to 3.6V Output Voltage (VO) 0V to 3.6V Output Current in IOL VCC 3.0V to 3.6V 24 mA VCC 2.3V to 2.7V 18 mA VCC 1.65V to 2.3V 6 mA VCC 1.4V to 1.6V 2 mA VCC 1.2V r100 PA Free Air Operating Temperature (TA) 40qC to 85qC Minimum Input Edge Rate ( 't/'V) Vin 0.8V to 2.0V, VCC 3.0V 10 ns/V Symbol Parameter Conditions VCC Min Max Units (V) VIH HIGH Level Input Voltage 2.7 - 3.6 2.0 V 2.3 - 2.7 1.6 1.65 - 2.3 0.65 u VCC 1.4 - 1.6 0.65 u VCC 1.2 0.65 u VCC VIL LOW Level Input Voltage 2.7 - 3.6 0.8 V 2.3 - 2.7 0.7 1.65 - 2.3 0.35 u VCC 1.4 - 1.6 0.35 u VCC 1.2 0.05 u VCC VOL LOW Level Output Voltage IOL 100 PA 2.7 - 3.6 0.2 V IOL 12 mA 2.7 0.4 IOL 18 mA 3.0 0.4 IOL 24 mA 3.0 0.55 IOL 100 PA 2.3 - 2.7 0.2 IOL 12 mA 2.3 0.4 IOL 18 mA 2.3 0.6 IOL 100 PA 1.65 - 2.3 0.2 IOL 6 mA 1.65 0.3 IOL 100 PA 1.4 - 1.6 0.2 IOL 2 mA 1.4 0.35 IOL 100 PA 1.2 0.05 II Input Leakage Current 0 d VI d 3.6V 1.2 - 3.6 r5.0 PA IOFF Power-Off Leakage Current 0 d (VI, VO) d 3.6V 0 10.0 PA ICC Quiescent Supply Current VI VCC or GND 1.2 - 3.6 20.0 PA VCC d (VI) d 3.6V 1.2 - 3.6 r20.0 'ICC Increase in ICC per Input VIH VCC 0.6V 2.7 - 3.6 750 PA IOHZ Off State Current VO 3.6 1.2 - 3.6 10.0 PA |
Similar Part No. - 74VCX38MTC |
|
Similar Description - 74VCX38MTC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |