Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55140IMZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # HC55140IMZ
Description  Low Power Universal SLIC Family
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55140IMZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HC55140IMZ Datasheet HTML 6Page - Intersil Corporation HC55140IMZ Datasheet HTML 7Page - Intersil Corporation HC55140IMZ Datasheet HTML 8Page - Intersil Corporation HC55140IMZ Datasheet HTML 9Page - Intersil Corporation HC55140IMZ Datasheet HTML 10Page - Intersil Corporation HC55140IMZ Datasheet HTML 11Page - Intersil Corporation HC55140IMZ Datasheet HTML 12Page - Intersil Corporation HC55140IMZ Datasheet HTML 13Page - Intersil Corporation HC55140IMZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
BATTERY FEED CHARACTERISTICS
Constant Loop Current Tolerance
18mA
≤ IL ≤ 45mA,
Forward
Only
Forward
Only
•••
IL = 26.5mA, RLIM = 38.3kΩ
Forward and Reverse
(Note 27, Figure 10)
0.92IL
IL
1.08IL
mA
Tip Open State TIPX Leakage
Current
S = Closed (Figure 11)
-
-
-200
µA
••••••
Tip Open State RINGX Current
R1 = 0Ω, VBH = -48V, RLIM = 38.3kΩ
22.6
26.8
31
mA
••••••
R1 = 2.5kΩ, VBH = -48V (Figure 11)
15.5
17.1
18.2
mA
Tip Open State RINGX Voltage
5mA < IR1 < 26mA (Figure 11)
-
42.8
-
V
••••••
Tip Voltage (Ground Start)
Active State, (S Open) R1 = 150Ω
(Figure 11)
-5.3
-4.8
-4.3
V
NA
NA
NA
••
NA
Tip Voltage (Ground Start)
Active State, (S Closed) Tip Lead to
••
-48V Through 7k
Ω, Ring Lead to
Ground Through 150
Ω (Figure 11)
-5.3
-4.8
-4.3
V
NA
NA
NA
NA
Open Circuit State Loop Current
(Active) RL = 0Ω
-20
0
20
µA
••••••
LOOP CURRENT DETECTOR
Programmable Threshold
ILTh = (500/ RD) ≥ 5mA,
0.9ILTh
ILTh
1.1ILTh
mA
Forward
Only
Forward
Only
•••
Forward and Reverse
ILTh = 8.5mA
RD = 58.8kΩ
GROUND KEY DETECTOR
Ground Key Detector Threshold
Tip/Ring Current Difference
Tip Open
5
8
11
mA
••
NA
••
NA
Active (Note 29, R1 = 2.5k
Ω, Figure 12) 12.5
20
27.5
mA
LINE VOLTAGE MEASUREMENT
Pulse Width (GKD_LVM)
Pulse Width = (20)(CREV.../ILIM)
0.32
0.36
0.4
ms/V
NA
NA
NA
•••
RING TRIP DETECTOR (DT, DR)
Ring Trip Comparator Current
Source Res = 2M
-2-
µA
••••••
Input Common-Mode Range
Source Res = 2M
--
±200
V
••••••
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V ±5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0Ω, ZT = 120kΩ, RLIM = 38.3kΩ, RD = 50kΩ, RDC_RAC = 20kΩ,
ROH = 40kΩ, CH = 0.1µF, CDC = 4.7µF, CRT/REV = 0.47µF, GND = 0V, RL = 600Ω. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1
HC55140/1
HC55142/3
HC55150/1


Similar Part No. - HC55140IMZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC55140IMZ RENESAS-HC55140IMZ Datasheet
1Mb / 36P
   Low Power UniSLIC14 Family
More results

Similar Description - HC55140IMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55120 INTERSIL-HC55120 Datasheet
382Kb / 35P
   Low Power Universal SLIC Family
June 2000
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Agere Systems
L7554 AGERE-L7554 Datasheet
486Kb / 28P
   L7554 Low-Power SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com