Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP1015 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP1015
Description  Power Distribution Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1015 Datasheet(HTML) 4 Page - Intersil Corporation

  HIP1015 Datasheet HTML 1Page - Intersil Corporation HIP1015 Datasheet HTML 2Page - Intersil Corporation HIP1015 Datasheet HTML 3Page - Intersil Corporation HIP1015 Datasheet HTML 4Page - Intersil Corporation HIP1015 Datasheet HTML 5Page - Intersil Corporation HIP1015 Datasheet HTML 6Page - Intersil Corporation HIP1015 Datasheet HTML 7Page - Intersil Corporation HIP1015 Datasheet HTML 8Page - Intersil Corporation HIP1015 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HIP1015, HIP1016 Description and Operation
The HIP1015 and HIP1016 are single power supply
distribution controllers for generic hot swap applications. The
HIP1015 is targeted for +12V switching applications
whereas the HIP1016 is targeted for +5V applications as
each has an undervoltage (UV) threshold level ~17% lower
than the nominal +12V and +5V, respectively.
The HIP1015 and HIP1016 features include a highly
accurate programmable Overcurrent (OC) detecting
comparator, programmable current limiting regulation with
programmable time delay to latch off and programmable soft
start turn-on ramp all set with a minimum of external passive
components. The HIP1015 and HIP1016 also include severe
overcurrent protection that immediately shuts down the
MOSFET switch should the load current cause the OC
voltage threshold to exceed the programmed OC level by
150mV. Additionally the HIP1015 and HIP1016 have an UV
indicator and an OC latch indicator.
Upon initial power up, the HIP1015 or HIP1016 can either
isolate the voltage supply from the load by holding the external
N-Channel MOSFET switch off or apply the supply rail voltage
directly to the load for true hot swap capability. In either case
the HIP1015 and HIP1016 turns on in a soft start mode
protecting the supply rail from sudden in-rush current. The
PWRON pin must be pulled low for the device to isolate the
power supply from the load by holding the external N-channel
MOSFET off, otherwise with the PWRON pin held high or
floating the HIP1015 and HIP1016 will be in true hot swap
mode.
At turn-on, the gate capacitor of the external N-Channel
MOSFET is charged with a 10
µA current source resulting in
a programmable ramp (soft start turn-on). The internal
HIP1015 charge pump supplies the gate drive for the 12V
supply switch driving that gate to VDD +5V. The HIP1016
gate drive is limited to the chip bias voltage.
Load current passes through the external current sense
resistor. When the voltage across the sense resistor
exceeds the user programmed Overcurrent voltage
threshold value, (See Table 1 for RISET programming
resistor value and resulting nominal overcurrent threshold
voltage, VOC) the controller enters current regulation. At this
time, the time-out capacitor, on CTIM pin starts charging with
a 20mA current source and the controller enters the current
limit time to latch-off period. The length of the current limit
time to latch-off period is set by the single external capacitor
(See Table 2 for CTIM capacitor value and resulting nominal
current limited time out to latch-off period.) placed from the
CTIM pin (pin 6) to ground. The programmed current level is
held until either the OC event passes or the time out period
expires. If the former is the case then the N-Channel
MOSFET is fully enhanced and the CTIM capacitor is
discharged. Once CTIM charges to 1.87V, signaling that the
time out period has expired an internal latch is set whereby
the FET gate is quickly pulled to 0V turning off the N-
Channel MOSFET switch, isolating the faulty load.
The HIP1015 and HIP1016 respond to a severe overcurrent
load (defined as a voltage across the sense resistor >150mV
over the OC Vth set point) by immediately, driving the N-
Channel MOSFET gate to 0V in less than 1
µs. The gate
voltage is then slowly ramped up turning on the N-Channel
MOSFET to the programmed current limit level, this is the
start of the time out period.
Upon an UV condition the PGOOD signal will pull low when
tied high through a resistor to the logic supply. This pin is an
UV fault indicator. For an OC latch off indication, monitor
CTIM, pin 6. This pin will rise rapidly from 1.9V to 12V once
the time out period expires.
The HIP1015 and HIP1016 are reset after an OC latch-off
condition by a low level on the PWRON pin and is turned on
by the PWRON pin being driven high.
Application Considerations
During the Time-Out Delay Period with the HIP1015 and
HIP1016 in current limit mode, the VGS of the external N-
Channel MOSFETs is reduced driving the N-Channel
MOSFET switch into a high rDS(ON) state. Thus avoid
extended time out periods as the external N-Channel
MOSFETs may be damaged or destroyed due to excessive
internal power dissipation. Refer to the MOSFET
manufacturers data sheet for SOA information.
With the high levels of inrush current e.g., highly capacitive
loads and motor start up currents, choosing the current
limiting level is crucial to provide both protection and still
allow for this inrush current without latching off. Consider this
in addition to the time out delay when choosing MOSFETs
for your design.
TABLE 1.
RISET RESISTOR
NOMINAL OC VTH
10k
200mV
4.99k
100mV
2.5k
50mV
750
15mV
NOTE: Nominal Vth = RISET x 20µA.
TABLE 2.
CTIM CAPACITOR
NOMINAL CURRENT LIMITED PERIOD
0.022
µF2ms
0.047
µF4.4ms
0.1
µF9.3ms
NOTE: Nominal time-out period in seconds = CTIM x 93kΩ.
HIP1015,HIP1016


Similar Part No. - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1015CB INTERSIL-HIP1015CB Datasheet
200Kb / 10P
   Power Distribution Controllers
logo
Renesas Technology Corp
HIP1015CB RENESAS-HIP1015CB Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1015CB-T INTERSIL-HIP1015CB-T Datasheet
200Kb / 10P
   Power Distribution Controllers
More results

Similar Description - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com