Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGB7004-SP-0G00 Datasheet(PDF) 5 Page - Mimix Broadband

Part # CGB7004-SP-0G00
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7004-SP-0G00 Datasheet(HTML) 5 Page - Mimix Broadband

  CGB7004-SP-0G00 Datasheet HTML 1Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 2Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 3Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 4Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 5Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 6Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 7Page - Mimix Broadband CGB7004-SP-0G00 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CGB7004-SC (-BD)
Typical Scattering Parameters
(Vd = +4.2V, Icc = 61.2 mA, T = 23°C, device in a 50 ohm system)
Frequency
S
11
S
21
S
12
S
22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5100
0.273
120.0
4.19
-47.9
0.207
-81.4
0.211
107.4
5200
0.275
114.5
4.15
-52.0
0.210
-83.9
0.217
101.4
5300
0.278
108.8
4.12
-56.2
0.213
-86.6
0.225
95.0
5400
0.280
102.4
4.09
-60.4
0.216
-89.4
0.233
88.2
5500
0.284
96.0
4.06
-64.7
0.219
-92.2
0.241
81.5
5600
0.288
89.8
4.02
-68.9
0.222
-95.0
0.250
75.2
5700
0.294
83.5
4.00
-73.2
0.225
-97.9
0.262
69.2
5800
0.299
77.2
3.96
-77.5
0.228
-100.9
0.274
62.7
5900
0.304
70.33.92
-81.9
0.230
-104.0
0.288
56.2
6000
0.311
63.4
3.89
-86.3
0.232
-107.0
0.303
50.0
6100
0.319
56.7
3.85
-90.7
0.235
-110.1
0.319
43.8
6200
0.328
50.1
3.81
-95.2
0.237
-113.2
0.336
38.0
6300
0.33743.5
3.76
-99.6
0.239
-116.4
0.352
32.3
6400
0.345
36.7
3.72
-104.1
0.240
-119.6
0.371
26.9
6500
0.356
29.9
3.67
-108.6
0.241
-122.9
0.391
21.3
6600
0.368
23.33.62
-113.2
0.242
-126.1
0.411
15.8
6700
0.380
17.2
3.56
-117.7
0.243
-129.4
0.430
10.7
6800
0.392
11.1
3.51
-122.2
0.243
-132.6
0.450
5.8
6900
0.402
4.9
3.45
-126.7
0.243
-136.0
0.471
0.9
7000
0.415
-1.4
3.39-131.3
0.243
-139.4
0.492
-4.0
7100
0.428
-7.6
3.32-135.8
0.242
-142.8
0.512
-8.8
7200
0.442
-13.33.25
-140.4
0.241
-146.1
0.532-13.6
7300
0.453
-18.8
3.19
-144.8
0.240
-149.4
0.550
-18.1
7400
0.464
-24.5
3.12
-149.3
0.238
-152.7
0.569
-22.5
7500
0.475
-30.1
3.04
-153.8
0.237
-155.9
0.587
-26.9
7600
0.488
-35.6
2.97
-158.2
0.234
-159.3
0.605
-31.3
7700
0.500
-40.9
2.89
-162.6
0.232
-162.5
0.623
-35.6
7800
0.511
-45.8
2.82
-166.8
0.229
-165.6
0.639-39.8
7900
0.519
-50.6
2.74
-171.1
0.226
-168.7
0.654
-43.7
8000
0.528
-55.6
2.67
-175.4
0.223
-171.8
0.668
-47.5
8100
0.537
-60.5
2.59
-179.6
0.220
-174.9
0.683
-51.4
8200
0.547
-65.1
2.51
176.2
0.217
-177.9
0.697
-55.2
8300
0.555
-69.3
2.44
172.2
0.213
179.2
0.709
-58.8
8400
0.560
-73.4
2.36
168.3
0.209
176.3
0.719
-62.3
8500
0.564
-77.7
2.30
164.4
0.206
173.5
0.730
-65.6
8600
0.568
-82.0
2.23
160.5
0.203
170.7
0.739
-68.9
8700
0.574
-86.2
2.16
156.6
0.199
167.9
0.748
-72.2
8800
0.579
-89.8
2.09
152.9
0.195
165.4
0.757
-75.3
8900
0.580
-93.4
2.03
149.2
0.191
162.9
0.764
-78.3
9000
0.580
-97.1
1.97
145.5
0.188
160.3
0.769
-81.2
9100
0.580
-100.9
1.91
141.8
0.185
157.8
0.775
-84.0
9200
0.581
-104.9
1.85
138.2
0.181
155.3
0.782
-86.9
9300
0.582
-108.3
1.79
134.6
0.178
152.8
0.787
-89.7
9400
0.582
-111.6
1.74
131.1
0.174
150.5
0.792
-92.4
9500
0.579
-114.8
1.68
127.7
0.171
148.3
0.795
-95.0
9600
0.575
-118.3
1.63
124.2
0.168
146.0
0.799
-97.5
9700
0.573
-121.9
1.58
120.7
0.165
143.6
0.802
-100.1
9800
0.573
-125.2
1.53
117.3
0.161
141.5
0.805
-102.6
9900
0.571
-128.1
1.48
114.0
0.158
139.2
0.808
-105.1
10000
0.566
-130.9
1.44
110.8
0.155
137.3
0.810
-107.4
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
August 2006 - Rev 31-Aug-06


Similar Part No. - CGB7004-SP-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7004-SP-0G00 MIMIX-CGB7004-SP-0G00 Datasheet
524Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7004-SP-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7016-SC MIMIX-CGB7016-SC_07 Datasheet
222Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7001-SC_0609 MIMIX-CGB7001-SC_0609 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com