Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXR162601MTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VCXR162601MTD
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXR162601MTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VCXR162601MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXR162601MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
DS500171
www.fairchildsemi.com
August 1998
Revised October 2004
74VCXR162601
Low Voltage 18-Bit Universal Bus Transceivers
with 3.6V Tolerant Inputs and
Outputs and 26
Ω Series Resistors in the Outputs
General Description
The VCXR162601, 18-bit universal bus transceiver, com-
bines D-type latches and D-type flip-flops to allow data flow
in transparent, latched, and clocked modes.
Data flow in each direction is controlled by output-enable
(OEAB and OEBA), latch-enable (LEAB and LEBA), and
clock (CLKAB and CLKBA) inputs. The clock can be con-
trolled by the clock-enable (CLKENAB and CLKENBA)
inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is HIGH. When LEAB is
LOW, the A data is latched if CLKAB is held at a HIGH-to-
LOW logic level. If LEAB is LOW, the A bus data is stored
in the latch/flip-flop on the LOW-to-HIGH transition of
CLKAB. Output-enable OEAB is active-LOW. When OEAB
is HIGH, the outputs are in the high-impedance state.
Data flow for B to A is similar to that of A to B but uses
OEBA, LEBA, CLKBA and CLKENBA.
The 74VCXR162601 is designed for low voltage (1.4V to
3.6V) VCC applications with I/O compatibility up to 3.6V.
The VCXR162601 is also designed with 26
Ω series resis-
tors on both the A and B Port outputs. This design reduces
line noise in applications such as memory address drivers,
clock drivers, and bus transceivers/transmitters.
Features
s 1.4V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s 26
Ω series resistors on both the A and B Port outputs.
s tPD (A to B, B to A)
3.8 ns max for 3.0V to 3.6V VCC
s Power-down HIGH impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s Static Drive (IOH/IOL)
±12 mA @ 3.0V V
CC
s Uses patented noise/EMI reduction circuitry
s Latchup performance exceeds 300 mA
s ESD performance:
Human body model
> 2000V
Machine model
>200V
Note 1: To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the minimum
value of the resistor is determined by the current-sourcing capability of the
driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Order Number
Package
Package Description
Number
74VCXR162601MTD
MTD56
56-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Similar Part No. - 74VCXR162601MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXR162601MTD FAIRCHILD-74VCXR162601MTD Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Similar Description - 74VCXR162601MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162601 FAIRCHILD-74ALVC162601 Datasheet
94Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com