Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40REC0770-QB-0L00 Datasheet(PDF) 7 Page - Mimix Broadband

Part # 40REC0770-QB-0L00
Description  35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

40REC0770-QB-0L00 Datasheet(HTML) 7 Page - Mimix Broadband

  40REC0770-QB-0L00 Datasheet HTML 1Page - Mimix Broadband 40REC0770-QB-0L00 Datasheet HTML 2Page - Mimix Broadband 40REC0770-QB-0L00 Datasheet HTML 3Page - Mimix Broadband 40REC0770-QB-0L00 Datasheet HTML 4Page - Mimix Broadband 40REC0770-QB-0L00 Datasheet HTML 5Page - Mimix Broadband 40REC0770-QB-0L00 Datasheet HTML 6Page - Mimix Broadband 40REC0770-QB-0L00 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
35.0-45.0 GHz GaAs Receiver
QFN, 7x7 mm
Page 7 of 7
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human body and the
environment. For safety, observe the following procedures:
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these
by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be discarded in
accordance with methods specified by applicable hazardous waste procedures.
- Mimix Broadband's products are not authorized for use as critical components in life support devices or
systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life
support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or
system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package compatible
with high volume solder installation. The package is a low-cost plastic package. Vacuum tools or other suitable pick and place
equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder
connection so that good RF, DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF
performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant
components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is
100% matt tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as
well as higher temperature (260°C reflow) “Pb Free” processes.
40REC0770-QB-0L00
Ni/Pd/Au plated RoHS compliant QFN 7x7 28L surface mount package in bulk quantity
40REC0770-QB-0L0T
Ni/Pd/Au plated RoHS compliant QFN 7x7 28L surface mount package in tape and reel
40REC0770-QB-EV1
40REC0770-QB Evaluation Module
We also offer this part with alternative plating options. Please contact your regional sales manager for more information regarding
different plating types.
Reflow Profile
Ramp Up Rate
Activation Time and Temperature
Time Above Melting Point
Max Peak Temperature
Time Within 5 ºC of Peak
Ramp Down Rate
SnPb
3-4 ºC/sec
60-120 sec @ 140-160 ºC
60-150 sec
240 ºC
10-20 sec
4-6 ºC/sec
Pb Free
3-4 ºC/sec
60-180 sec @ 170-200 ºC
60-150 sec
265 ºC
10-20 sec
4-6 ºC/sec
40REC0770-QB
October 2006 - Rev 05-Oct-06


Similar Part No. - 40REC0770-QB-0L00

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
40R-1A12N1 DBLECTRO-40R-1A12N1 Datasheet
833Kb / 2P
   MICROMINIATURE REED RELAYS
40R-1A22N1 DBLECTRO-40R-1A22N1 Datasheet
833Kb / 2P
   MICROMINIATURE REED RELAYS
logo
JST Mfg. Co., Ltd.
40R-JMDSS-G-1-TF JST-40R-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Insel Rectifier India P...
40RB IRI-40RB Datasheet
425Kb / 3P
   POWER DIODE
40RB120 IRI-40RB120 Datasheet
425Kb / 3P
   POWER DIODE
More results

Similar Description - 40REC0770-QB-0L00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_08 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com