Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40REC0770-QB-EV1 Datasheet(PDF) 6 Page - Mimix Broadband

Part # 40REC0770-QB-EV1
Description  35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

40REC0770-QB-EV1 Datasheet(HTML) 6 Page - Mimix Broadband

  40REC0770-QB-EV1 Datasheet HTML 1Page - Mimix Broadband 40REC0770-QB-EV1 Datasheet HTML 2Page - Mimix Broadband 40REC0770-QB-EV1 Datasheet HTML 3Page - Mimix Broadband 40REC0770-QB-EV1 Datasheet HTML 4Page - Mimix Broadband 40REC0770-QB-EV1 Datasheet HTML 5Page - Mimix Broadband 40REC0770-QB-EV1 Datasheet HTML 6Page - Mimix Broadband 40REC0770-QB-EV1 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
35.0-45.0 GHz GaAs Receiver
QFN, 7x7 mm
Page 6 of 7
App Note [3] USB/LSB Selection
-
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90o
In Phase Combiner
USB
In Phase Combiner
LSB
-90o
IF2
IF1
IF2
IF1
40REC0770-QB
October 2006 - Rev 05-Oct-06


Similar Part No. - 40REC0770-QB-EV1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
40R-1A12N1 DBLECTRO-40R-1A12N1 Datasheet
833Kb / 2P
   MICROMINIATURE REED RELAYS
40R-1A22N1 DBLECTRO-40R-1A22N1 Datasheet
833Kb / 2P
   MICROMINIATURE REED RELAYS
logo
JST Mfg. Co., Ltd.
40R-JMDSS-G-1-TF JST-40R-JMDSS-G-1-TF Datasheet
284Kb / 3P
   Board-to-board connectors
logo
Insel Rectifier India P...
40RB IRI-40RB Datasheet
425Kb / 3P
   POWER DIODE
40RB120 IRI-40RB120 Datasheet
425Kb / 3P
   POWER DIODE
More results

Similar Description - 40REC0770-QB-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_08 Datasheet
213Kb / 7P
   35.0-45.0 GHz GaAs Receiver SMT, 7x7 mm
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
   35.0-45.0 GHz GaAs Receiver
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com