Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC55185ECRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # HC55185ECRZ
Description  VoIP Ringing SLIC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55185ECRZ Datasheet(HTML) 5 Page - Intersil Corporation

  HC55185ECRZ Datasheet HTML 1Page - Intersil Corporation HC55185ECRZ Datasheet HTML 2Page - Intersil Corporation HC55185ECRZ Datasheet HTML 3Page - Intersil Corporation HC55185ECRZ Datasheet HTML 4Page - Intersil Corporation HC55185ECRZ Datasheet HTML 5Page - Intersil Corporation HC55185ECRZ Datasheet HTML 6Page - Intersil Corporation HC55185ECRZ Datasheet HTML 7Page - Intersil Corporation HC55185ECRZ Datasheet HTML 8Page - Intersil Corporation HC55185ECRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN4831.14
December 18, 2006
2-Wire Longitudinal Balance (Notes 5, 6)
Forward Active, Grade A and B
58
62
-
dB
Forward Active, Grade C, D and E
53
59
-
dB
4-Wire Longitudinal Balance (Notes 5, 6)
Forward Active, Grade A and B
58
67
-
dB
Forward Active, Grade C, D and E
53
64
-
dB
2-Wire to 4-Wire Level Linearity
4-Wire to 2-Wire Level Linearity
Referenced to -10dBm
+3 to -40dBm, 1kHz
-
±0.025
-
dB
-40 to -50dBm, 1kHz
-
±0.050
-
dB
-50 to -55dBm, 1kHz
-
±0.100
-
dB
Longitudinal Current Capability Per Wire (Note 3)
Test for False Detect
20
-
-
mARMS
Test for False Detect, Low Power Standby
10
-
-
mARMS
4-Wire to 2-Wire Insertion Loss
-0.20
0.00
+0.20
dB
2-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
4-Wire to 4-Wire Insertion Loss
-6.22
-6.02
-5.82
dB
Forward Active Idle Channel Noise (Note 6)
2-Wire C-Message, T = +25°C
-
10
13
dBrnC
4-Wire C-Message, T = +25°C
-
4
7
dBrnC
Reverse Active Idle Channel Noise (Note 6)
2-Wire C-Message, T = +25°C
-
11
14
dBrnC
4-Wire C-Message, T = +25°C
-
5
8
dBrnC
DC PARAMETERS
Off Hook Loop Current Limit
Programming Accuracy
-8.5
-
+8.5
%
Programming Range
15
-
45
mA
Off Hook Transient Current Limit
Programming Accuracy
-10
-
+10
%
Programming Range
40
-
100
mA
Loop Current During Low Power Standby
Forward Polarity Only
18
-
26
mA
Open Circuit Voltage (|Tip - Ring|)
VBL = -16V
-
8.0
-
VDC
VBL = -24V
14
15.5
17
VDC
VBH > -60V
43
49
-
VDC
Low Power Standby, Open Circuit Voltage
(Tip - Ring)
VBL = -48V
-
44.5
-
VDC
VBH > -60V
43
51.5
-
VDC
Absolute Open Circuit Voltage
VRG in LPS and FA; VTG in RA; VBH > -60V
-
-53
-56
VDC
TEST ACCESS FUNCTIONS
Switch On Voltage
IOL = 45mA
-
0.30
0.60
V
Loopback Max Battery
--
52
V
LOOP DETECTORS AND SUPERVISORY FUNCTIONS
Switch Hook Programming Range
5-
15
mA
Switch Hook Programming Accuracy
Assumes 1% External Programming Resistor
-10
-
+10
%
Dial Pulse Distortion
-1.0
-
%
Ring Trip Comparator Threshold
2.3
2.5
2.9
V
Ring Trip Programming Current Accuracy
-10
-
+10
%
Ground Key Threshold
-12-
mA
E0 Transition, DET Output Delay
-20-
μs
Thermal Alarm Output
IC Junction Temperature
-
175
-
°C
LOGIC INPUTS (F0, F1, F2, E0, SWC, BSEL)
Input Low Voltage
--
0.8
V
Input High Voltage
2.0
-
-
V
Input Low Current
VIL = 0.4V
-20
-10
-
μA
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to +85°C for industrial (I) grade and TA = 0°C to +85°C for commercial
(C) grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +5V, AGND = BGND = 0V, loop current limit = 25mA.
All AC parameters are specified at 600
Ω 2-wire terminating impedance over the frequency band of 300Hz to
3.4kHz. Protection resistors = 0
Ω. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55185
1


Similar Part No. - HC55185ECRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC55185ECRZ RENESAS-HC55185ECRZ Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
More results

Similar Description - HC55185ECRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com