Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1155 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA1155
Description  380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1155 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA1155 Datasheet HTML 1Page - Intersil Corporation HFA1155 Datasheet HTML 2Page - Intersil Corporation HFA1155 Datasheet HTML 3Page - Intersil Corporation HFA1155 Datasheet HTML 4Page - Intersil Corporation HFA1155 Datasheet HTML 5Page - Intersil Corporation HFA1155 Datasheet HTML 6Page - Intersil Corporation HFA1155 Datasheet HTML 7Page - Intersil Corporation HFA1155 Datasheet HTML 8Page - Intersil Corporation HFA1155 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The
use of low inductance components such as chip
resistors and chip capacitors is strongly recommended,
while a solid ground plane is a must!
Attention should be given to decoupling the power supplies.
A large value (10
μF) tantalum in parallel with a small value
chip (0.1
μF) capacitor works well in most cases.
Terminated microstrip signal lines are recommended at the
input and output of the device. Output capacitance, such as
that resulting from an improperly terminated transmission
line, will degrade the frequency response of the amplifier
and may cause oscillations. In most cases, the oscillation
can be avoided by placing a resistor in series with the
output.
Care must also be taken to minimize the capacitance to ground
seen by the amplifier’s inverting input. The larger this
capacitance, the worse the gain peaking, resulting in pulse
overshoot and eventual instability. To reduce this capacitance,
remove the ground plane under traces connected to -IN and
keep these traces as short as possible.
0
100
200
300
400
0
10
20
30
40
50
LOAD CAPACITANCE (pF)
150
250
350
50
FIGURE 1. RECOMMENDED SERIES OUTPUT RESISTOR vs
LOAD CAPACITANCE
AV =+2
Typical Performance Curves VSUPPLY = ±5V, RF = Value From the “Optimum Feedback Resistor” Table, TA = 25oC,
RL = 100Ω, Unless Otherwise Specified
FIGURE 2. SMALL SIGNAL PULSE RESPONSE
FIGURE 3. LARGE SIGNAL PULSE RESPONSE
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = +1
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
TIME (5ns/DIV.)
AV = +1
HFA1155


Similar Part No. - HFA1155

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1155EVAL INTERSIL-HFA1155EVAL Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155IB INTERSIL-HFA1155IB Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1155IB96 INTERSIL-HFA1155IB96 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
More results

Similar Description - HFA1155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com