Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1155IH96 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HFA1155IH96
Description  380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1155IH96 Datasheet(HTML) 3 Page - Intersil Corporation

  HFA1155IH96 Datasheet HTML 1Page - Intersil Corporation HFA1155IH96 Datasheet HTML 2Page - Intersil Corporation HFA1155IH96 Datasheet HTML 3Page - Intersil Corporation HFA1155IH96 Datasheet HTML 4Page - Intersil Corporation HFA1155IH96 Datasheet HTML 5Page - Intersil Corporation HFA1155IH96 Datasheet HTML 6Page - Intersil Corporation HFA1155IH96 Datasheet HTML 7Page - Intersil Corporation HFA1155IH96 Datasheet HTML 8Page - Intersil Corporation HFA1155IH96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
AC CHARACTERISTICS AV = +2, (Note 4) Unless Otherwise Specified
-3dB Bandwidth
(VOUT = 0.2VP-P, Note 3)
AV = -1
B
25
-
360
-
MHz
AV = +1
B
25
-
365
-
MHz
AV = +2
B
25
-
355
-
MHz
-3dB Bandwidth (VOUT = 2VP-P)AV = +2
B
25
-
170
-
MHz
Gain Flatness
(VOUT = 0.2VP-P, Note 3)
To 25MHz
B
25
-
±0.06
-
dB
To 50MHz
B
25
-
±0.06
-
dB
To 100MHz
B
25
-
±0.1
-
dB
Full Power Bandwidth
(VOUT = 5VP-P at AV = +2;
VOUT = 4VP-P at AV = +1, Note 3)
AV = +1
B
25
-
45
-
MHz
AV = +2
B
25
-
75
-
MHz
OUTPUT CHARACTERISTICS AV = +2, (Note 4) Unless Otherwise Specified
Output Voltage
AV = -1
A
25
±3.0
±3.3
-
V
AFull
±2.5
±3.0
-
V
Output Current
RL = 50Ω, AV = -1
A
25, 85
±40
±55
-
mA
A-40
±35
±50
-
mA
DC Closed Loop Output Resistance (Note 3)
B
25
-
0.09
-
Ω
2nd Harmonic Distortion (Note 3)
10MHz, VOUT = 2VP-P
B25
-
-53
-
dBc
20MHz, VOUT = 2VP-P
B25
-
-47
-
dBc
3rd Harmonic Distortion (Note 3)
10MHz, VOUT = 2VP-P
B25
-
-66
-
dBc
20MHz, VOUT = 2VP-P
B25
-
-60
-
dBc
TRANSIENT CHARACTERISTICS AV = +2, (Note 4) Unless Otherwise Specified
Rise and Fall Times
VOUT = 0.5VP-P
B
25
-
1.1
-
ns
Overshoot
VOUT = 0.5VP-P
B25
-
11
-
%
Slew Rate
(VOUT = 5VP-P at AV = +2, -1;
VOUT = 4VP-P at AV = +1)
AV = -1
B
25
-
1650
-
V/
μs
AV = +1
B
25
-
270
-
V/
μs
AV = +2
B
25
-
510
-
V/
μs
Settling Time (VOUT = 2V to 0V, Note 3)
To 0.1%
B
25
-
38
-
ns
To 0.05%
B
25
-
50
-
ns
To 0.01%
B
25
-
75
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25-
7-
ns
VIDEO CHARACTERISTICS AV = +2, (Note 4) Unless Otherwise Specified
Differential Gain
NTSC, RL = 150Ω
B
25
-
0.02
-
%
NTSC, RL = 75Ω
B
25
-
0.02
-
%
Differential Phase
NTSC, RL = 150Ω
B
25
-
0.06
-
Degrees
NTSC, RL = 75Ω
B
25
-
0.12
-
Degrees
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Note 5
B
Full
±2.25
-
±5.5
V
Power Supply Current (Note 3)
A
Full
-
5.5
8
mA
NOTES:
2. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
3. See Typical Performance Curves for more information.
4. The feedback resistor value depends on closed loop gain. See the “Optimum Feedback Resistor” table in the Application Information section
for values used for characterization.
5. The minimum supply voltage entry is a typical value.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω , RL = 100Ω , Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 2)
TEST LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1155


Similar Part No. - HFA1155IH96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1155IH96 INTERSIL-HFA1155IH96 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
logo
Renesas Technology Corp
HFA1155IH96 RENESAS-HFA1155IH96 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
More results

Similar Description - HFA1155IH96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1155 RENESAS-HFA1155 Datasheet
515Kb / 10P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1155 INTERSIL-HFA1155 Datasheet
244Kb / 13P
   380MHz, SOT-23, Low Power Current Feedback Operational Amplifier
June 2000
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com