Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5020F Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE5020F
Description  10-Bit mP-compatible D/A converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5020F Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE5020F Datasheet HTML 2Page - NXP Semiconductors NE5020F Datasheet HTML 3Page - NXP Semiconductors NE5020F Datasheet HTML 4Page - NXP Semiconductors NE5020F Datasheet HTML 5Page - NXP Semiconductors NE5020F Datasheet HTML 6Page - NXP Semiconductors NE5020F Datasheet HTML 7Page - NXP Semiconductors NE5020F Datasheet HTML 8Page - NXP Semiconductors NE5020F Datasheet HTML 9Page - NXP Semiconductors NE5020F Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors Linear Products
Product specification
NE5020
10-Bit
µP-compatible D/A converter
August 31, 1994
763
Figure 10.
NE5020
DIG GND (PIN 1)
+5V
PIN 1
IN4148
3.6k
3.6k
6.2k
+10V
PIN 1
0.1
µF
PIN 1
IN4148
2N3904
1.3k
3.9k
1k
IN4148
PIN 1
10k
–5V TO –10V
NOTE: DO NOT EXCEED NEGATIVE
LOGIC INPUT RANGE OF DAC
6.2V
ZENER
10k
9.1k
PIN 1
PIN 1
0.1
µF
6.2k
+12V TO +15V
+15V
10k ECL
VTH ≥ –1.29V
+10V CMOS
VTH = +9.0V
+5V CMOS
VTH = +2.8V
TTL,
DTL VTH = +1.4V
VTH = VPIN1 + 1.4V
+15V CMOS, HTL, HNIL
VTH = +7.6V
PMOS
VTH = 0V
CIRCUIT DESCRIPTION
The NE5020 provides ten data latches, an internal voltage
reference, application resistors, and a scaled output voltage in
addition to the basic DAC components (see Block Diagram).
Latch Circuit
Digital interface with the NE5020 is readily accomplished through
the use of two latch enable ports (LE1 and LE2) and ten data input
latches. LE2 controls the two most significant bits of data (DB9 and
DB8) while LE1 controls the eight lesser significant bits (DB7 through
DB0). Both the latch enable ports (LE) and the data inputs are
static- and threshold-sensitive. When the latch enable ports (LE)
are high (Logic ‘1’) the data inputs become very high impedances
and essentially disappear from the data bus. Addressing the LE
with a low static (Logic ‘0’), the latches become active and adapt the
logic states present on the data bus. During this state, the output of
the DAC will change to the value proportional to the data bus value.
When the latch enable returns to a high state, the selected set of
data inputs (i.e., depending on which LE goes high) ‘memorizes’ the
data bus logic states and the output changes to the unique output
value corresponding to the binary word in the latch.
The data inputs are inactive and high impedance (typically requiring
–2
µA for low (0.8V max) or 0.1µA for high (2.0V min) when the LE is
high. Any changes on the data bus with LE high will have no effect
on the DAC output.
The digital logic inputs (LE and DB) for the NE5020 utilize a
differential input logic system with a threshold level of +1.4V with
respect to the voltage level on the digital ground pin (Pin 1). Figure
10 details several bias schemes used to provide the proper
threshold voltage levels for various logic families.
To be compatible with a bus-oriented system, the DAC should
respond in as short a period as possible to insure full utilization of
the microprocessor, controller and I/O control lines. Figure 9 shows
the typical timing requirements of the latch and data lines. This
figure indicates that data on the data bus should be stable for at
least 50ns after LE is changed to a high state.
The independent LE (LE1 and LE2) lines allow for direct interface
from an 8-bit bus (see Figure 11). Data for the two MSBs is supplied
and stored when LE2 is activated low and returned high according to
the NE5020 timing requirements. Then LE1 is activated low and the
remaining eight LSBs of data are transferred into the DAC. With
LE1 returning high, the loading of 10-bit data word from an 8-bit data
bus is complete.
Occasionally the analog output must change to its data value within
one data address operation. This is no problem using the NE5020
on a 16-bit bus or any other data bus with 10 or greater data bits.
This can be accomplished from an 8-bit data bus by utilizing an
external latch circuit to pre-load the two MSB data values. Figure 12
shows the circuit configuration.
After pre-loading (via LE pre-load) the external latch with the two
MSB values, LE2 is activated low and the eight LSBs and the two
MSBs are concurrently loaded into the DAC in one address
operation. This permits the DAC output to make its appropriate
change at one time.


Similar Part No. - NE5020F

ManufacturerPart #DatasheetDescription
logo
NEC
NE500100 NEC-NE500100 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE500199 NEC-NE500199 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
NXP Semiconductors
NE5008 PHILIPS-NE5008 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
NE5019 PHILIPS-NE5019 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results

Similar Description - NE5020F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
logo
National Semiconductor ...
ADC1001 NSC-ADC1001 Datasheet
201Kb / 9P
   10-Bit P Compatible A/D Converter
ADC1005 NSC-ADC1005 Datasheet
254Kb / 12P
   10-Bit P Compatible A/D Converter
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
National Semiconductor ...
ADC1005 NSC-ADC1005_09 Datasheet
446Kb / 16P
   10-Bit 關P Compatible A/D Converter
logo
Cadeka Microcircuits LL...
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
National Semiconductor ...
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
   10-Bit A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com