Part Name
         Description
ICL3225_06

 1 Microamp, +3V to +5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown ( 18 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
FN4878.8
February 27, 2006
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V
Automatic Powerdown or FORCEOFF = GND
Full
-
-
±25
µA
MOUSE DRIVEABILITY
Transmitter Output Voltage
(See Figure 11)
T1IN = T2IN = GND, T3IN = VCC, T3OUT Loaded with 3kΩ to GND,
T1OUT and T2OUT Loaded with 2.5mA Each
Full
±5-
-
V
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
See Figure 6
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
See Figure 6
Full
-0.3
-
0.3
V
INVALID, READY Output Voltage
Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID, READY Output Voltage
High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
30
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
Note 2
25
-
100
-
µs
Receiver or Transmitter Edge to
Transmitters Disabled Delay
(tAUTOPWDN)
Note 2
Full
15
30
60
sec
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, One Transmitter
Switching
CL = 1000pF
Full
250
-
-
kbps
VCC = 3V to 4.5V, CL = 250pF
Full
1000
-
-
kbps
VCC = 4.5V to 5.5V,
CL = 1000pF
Full
1000
-
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver Output,
CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable Time
Normal Operation
25
-
200
-
ns
Receiver Output Disable Time
Normal Operation
25
-
200
-
ns
Transmitter Skew
tPHL - tPLH (Note 3)
25
-
25
-
ns
Receiver Skew
tPHL - tPLH (Note 3)
25
-
50
-
ns
Transition Region Slew Rate
VCC = 3.3V, RL = 3kΩ to 7kΩ, Measured from 3V to -3V or -3V to
3V, CL = 150pF to 1000pF
25
24
-
150
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
±15
-
kV
IEC61000-4-2 Contact Discharge
25
-
±8-
kV
IEC61000-4-2 Air Gap Discharge
25
-
>
±8-
kV
All Other Pins
Human Body Model
25
-
±2.5
-
kV
NOTES:
2. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
3. Skews are measured at the receiver input switching points (1.4V).
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX UNITS
ICL3225, ICL3245
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ICL3224_061 Microamp +3V to +5.5V 250kbps RS-232 Transceivers with Enhanced Automatic Powerdown 1 2 3 4 5 MoreIntersil Corporation
ICL3221_06One Microamp Supply-Current +3V to +5.5V 250kbps RS-232 Transmitters/Receivers 1 2 3 4 5 MoreIntersil Corporation
MAX3180E+-15kV ESD-Protected 0.5UA +3V to +5.5V 1.5Mbps RS-232 Receivers in SOT23-5 1 2 3 4 5 MoreMaxim Integrated Products
UPC1158H2LOW NOISE PREAMPLIFIER WITH AUTOMATIC LEVEL CONTROL SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
ZL50022_06Enhanced 4 K Digital Switch with Stratum 4E DPLL 1 2 3 4 5 MoreZarlink Semiconductor Inc
FDC37B72X_07128 Pin Enhanced Super I/O Controller with ACPI Support 1 2 3 4 5 MoreSMSC Corporation
MAX202_075-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
MAX33182.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
MAX13481E±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors 1 2 3 4 5 MoreMaxim Integrated Products
74VCX16501_04Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl