Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5019 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE5019
Description  8-Bit mp-compatible D/A converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5019 Datasheet(HTML) 5 Page - NXP Semiconductors

  NE5019 Datasheet HTML 1Page - NXP Semiconductors NE5019 Datasheet HTML 2Page - NXP Semiconductors NE5019 Datasheet HTML 3Page - NXP Semiconductors NE5019 Datasheet HTML 4Page - NXP Semiconductors NE5019 Datasheet HTML 5Page - NXP Semiconductors NE5019 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE5018/5019
8-Bit
µp-compatible D/A converter
August 31, 1994
755
0.47
µF
Figure 4. Bipolar Output Operation (–5 to +5V)
MSB
LSB
10k
10T
80k
9 8 7 6 5 4 3 2
19
1
22
18
20
21
15
17
16
12
13
14
10
DAC
COMP
BIP OFFSET
5018
COMP
AMP
SUM
ANA GND
DIG GND
LE
VREF IN
VREF OUT
VREF ADJ
VOUT
VCC+
0.01
µF
0.1
µF
VCC–
OUTPUT
2k
22pF
1N914
100pF
1M
VCC+
20k
10T
ZERO SCALE
ADJUST
VCC–
OUTPUT
Figure 5. Settling Time and Propagation Delay,
Low-to-High Data
tSLH
tPLH
1LSB
DATA
10V
0V
LE = LOW
Figure 6. Settling Time and Propagation Delay,
High-to-Low Data
LE = LOW
tSHL
OUTPUT
10V
0V
1LSB
tPHL
DATA
Figure 7. Propagation Delay, Latch Enable to Output
LE
DATA
tPLH
OUTPUT
10V
0V
Figure 8. Propagation Delay, Latch Enable to Output
LE
DATA
tPHL
tPHL
OUTPUT
10V
0V


Similar Part No. - NE5019

ManufacturerPart #DatasheetDescription
logo
NEC
NE500100 NEC-NE500100 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE500199 NEC-NE500199 Datasheet
41Kb / 6P
   1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
NXP Semiconductors
NE5008 PHILIPS-NE5008 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
NE5020F PHILIPS-NE5020F Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
More results

Similar Description - NE5019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
National Semiconductor ...
ADC0841 NSC-ADC0841 Datasheet
380Kb / 16P
   8-Bit P Compatible A/D Converter
logo
List of Unclassifed Man...
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
   MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
National Semiconductor ...
DAC0890 NSC-DAC0890 Datasheet
218Kb / 12P
   Dual 8-bit mP-Compatible Digital-to-Analog Converter
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
   MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
logo
Cadeka Microcircuits LL...
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com