Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6553CBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6553CBZ
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6553CBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6553CBZ Datasheet HTML 5Page - Intersil Corporation ISL6553CBZ Datasheet HTML 6Page - Intersil Corporation ISL6553CBZ Datasheet HTML 7Page - Intersil Corporation ISL6553CBZ Datasheet HTML 8Page - Intersil Corporation ISL6553CBZ Datasheet HTML 9Page - Intersil Corporation ISL6553CBZ Datasheet HTML 10Page - Intersil Corporation ISL6553CBZ Datasheet HTML 11Page - Intersil Corporation ISL6553CBZ Datasheet HTML 12Page - Intersil Corporation ISL6553CBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Under-Voltage
The VSEN pin also detects when the CORE voltage falls
more than 10% below the VID programmed level. This
causes PGOOD to go low, but has no other effect on
operation and is not latched. There is also hysteresis in this
detection point.
Over-Current
In the event of an over-current condition, the over-current
protection circuit reduces the RMS current delivered to 41%
of the current limit. When an over-current condition is
detected, the controller forces all PWM outputs into a three
state mode. This condition results in the gate driver
removing drive to the output stages. The ISL6553 goes into
a wait delay timing cycle that is equal to the Soft-Start ramp
time. PGOOD also goes “low” during this time due to VSEN
going below its threshold voltage. To lower the average
output dissipation, the Soft-Start initial wait time is increased
from 32 to 2048 cycles, then the Soft-Start ramp is initiated.
At a PWM frequency of 200kHz, for instance, an over-current
detection would cause a dead time of 10.24ms, then a ramp
of 10.08ms.
At the end of the delay, PWM outputs are restarted and the
Soft-Start ramp is initiated. If a short is present at that time,
the cycle is repeated. This is the hiccup mode.
Figure 6 shows the supply shorted under operation and the
hiccup operating mode described above. Note that due to
the high short circuit current, over-current is detected before
completion of the start-up sequence so the delay is not quite
as long as the normal Soft-Start cycle.
PGOOD
SHORT
50A/DIV.
CURRENT
ATX SUPPLY ACTIVATED BY ATX “PS-ON PIN”
SUPPLY FREQUENCY = 200kHz, V IN = 12V
HICCUP MODE. SUPPLY POWERED BY ATX SUPPLY
CORE LOAD CURRENT = 31A, 5V LOAD = 5A
SHORT APPLIED HERE
FIGURE 6. SHORT APPLIED TO SUPPLY AFTER POWER-UP
CORE Voltage Programming
The voltage identification pins (VID25mV, VID0, VID1, VID2
and VID3) set the CORE output voltage. Each VID pin is
pulled to VCC by an internal 20
µA current source and
accepts open-collector/open-drain/open-switch-to-ground or
standard low-voltage TTL or CMOS signals.
Table 1 shows the nominal DAC voltage as a function of the
VID codes. The power supply system is
±1% accurate over
the operating temperature and voltage range.
TABLE 1. VOLTAGE IDENTIFICATION CODES
VOLTAGE IDENTIFICATION CODE AT
PROCESSOR PINS
VCC(CORE)
(VDC)
VID25mV
VID3
VID2
VID1
VID0
0
0
1
0
0
1.05
1
0
1
0
0
1.075
0
0
0
1
1
1.10
1
0
0
1
1
1.125
0
0
0
1
0
1.15
1
0
0
1
0
1.175
0
0
0
0
1
1.20
1
0
0
0
1
1.225
0
0
0
0
0
1.25
1
0
0
0
0
1.275
0
1
1
1
1
1.30
1
1
1
1
1
1.325
0
1
1
1
0
1.35
1
1
1
1
0
1.375
0
1
1
0
1
1.40
1
1
1
0
1
1.425
0
1
1
0
0
1.45
1
1
1
0
0
1.475
0
1
0
1
1
1.50
1
1
0
1
1
1.525
0
1
0
1
0
1.55
1
1
0
1
0
1.575
0
1
0
0
1
1.60
1
1
0
0
1
1.625
0
1
0
0
0
1.65
1
1
0
0
0
1.675
0
0
1
1
1
1.70
1
0
1
1
1
1.725
0
0
1
1
0
1.75
1
0
1
1
0
1.775
0
0
1
0
1
1.80
1
0
1
0
1
1.825
ISL6553


Similar Part No. - ISL6553CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6553CBZ RENESAS-ISL6553CBZ Datasheet
740Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6553CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553 Datasheet
182Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com