Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BAV20
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BAV20 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BAV20 Datasheet HTML 1Page - Fairchild Semiconductor BAV20 Datasheet HTML 2Page - Fairchild Semiconductor BAV20 Datasheet HTML 3Page - Fairchild Semiconductor BAV20 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19/20/21, Rev. C
BAV19 / 20 / 21
Small Signal Diode
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
DO-35
Color Band Denotes Cathode
2001 Fairchild Semiconductor Corporation
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
BAV19
BAV20
BAV21
120
200
250
V
V
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
T
stg
Storage Temperature Range
-65 to +200
°C
T
J
Operating Junction Temperature
175
°C
Symbol
Parameter
Value
Units
P
D
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
Symbol
Parameter
Test Conditions
Min
Max
Units
VR
Breakdown Voltage
BAV19
BAV20
BAV21
IR = 100 µA
I
R = 100 µA
IR = 100 µA
120
200
250
V
V
V
VF
Forward Voltage
IF = 100 mA
IF = 200 mA
1.0
1.25
V
V
IR
Reverse Current
BAV19
BAV20
BAV21
VR = 100 V
V
R = 100 V, TA = 150°C
VR = 150 V
V
R = 150 V, TA = 150°C
VR = 200 V
V
R = 200 V, TA = 150°C
100
100
100
100
100
100
nA
µA
nA
µA
nA
µA
CT
Total Capacitance
VR = 0, f = 1.0 MHz
5.0
pF
t
rr
Reverse Recovery Time
I
F = IR = 30 mA, IRR =
3.0 mA,
RL = 100Ω
50
ns


Similar Part No. - BAV20

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAV20 NEXPERIA-BAV20 Datasheet
391Kb / 11P
   General purpose diodes
1999 May 25
logo
NXP Semiconductors
BAV20 PHILIPS-BAV20 Datasheet
54Kb / 12P
   General purpose diodes
1999 May 25
logo
SEMTECH ELECTRONICS LTD...
BAV20 SEMTECH_ELEC-BAV20 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAV20 LUGUANG-BAV20 Datasheet
170Kb / 2P
   Small Signal Switching Diodes
logo
Goodwork Semiconductor ...
BAV20 GWSEMI-BAV20 Datasheet
142Kb / 2P
   Small Signal Diodes
More results

Similar Description - BAV20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com